Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP-1172 Datasheet(PDF) 3 Page - CUI INC

Part # CEP-1172
Description  piezo audio transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEP-1172 Datasheet(HTML) 3 Page - CUI INC

  CEP-1172 Datasheet HTML 1Page - CUI INC CEP-1172 Datasheet HTML 2Page - CUI INC CEP-1172 Datasheet HTML 3Page - CUI INC CEP-1172 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No: CEP-1172
Description: piezo audio transducer
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 6/25/2007
Unit: mm
Page No: 3 of 4
Environment Test
Item
Test Condition
High temp. test
After being placed in a chamber at +95°C for
240 hours.
Low temp. test
After being placed in a chamber at -40°C for
240 hours.
Humidity test
After being placed in a chamber at +40°C and
90±5% relative humidity for 240 hours.
Temp. cycle test
The part shall be subjected to 5 cycles. One
cycle will consist of:
Evaluation Standard
The buzzer will be measured after
being placed at +25°C for 4
hours. The value of the
oscillation frequency/current
consumption should be ±10%
compared to the initial
measurements. The SPL should
be within ±10dB compared to the
initial measurements.
Mechanical Characteristics
Item
Test Condition
Solderability
Stripped wires of lead wires are immersed in
rosin for 5 seconds and then immersed in
a solder bath of +230 ±5°C for 3 ±0.5 seconds.
Soldering Heat Resistance
Lead terminals are immersed up to 1.5mm from
insulation in solder bath of 300 ±5°C or
260 ±5°C for 10 ±1 seconds.
Terminal Mechanical Strength
The force of 9.8N is applied to each terminal in
each axial direction for 10 seconds.
Vibration
The buzzer shall be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
Drop Test
The part will be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axes (X, Y, Z) for a total of 9 drops.
Evaluation Standard
90% min. of the stripped wires
will be wet with solder.
(Except the edge of the terminal)
No interference in operation.
No damage or cutting off.
The value of oscillation
frequency/current consumption
should be ±10% of the initial
measurements. The SPL should
be within ±10dB compared with
the initial measurement.


Similar Part No. - CEP-1172

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1172 CUI-CEP-1172 Datasheet
329Kb / 3P
   PIEZO BUZZER TRANSDUCER
05/06/2020
logo
CUI Devices
CEP-1172 CUID-CEP-1172 Datasheet
304Kb / 3P
   PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CEP-1172 CUI-CEP-1172_V01 Datasheet
329Kb / 3P
   PIEZO BUZZER TRANSDUCER
05/06/2020
More results

Similar Description - CEP-1172

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-1785 CUI-CPE-1785 Datasheet
179Kb / 4P
   PIEZO AUDIO TRANSDUCER
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
   piezo audio transducer
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
   piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
   piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
   piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
   piezo audio transducer
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
   piezo audio transducer
CEP-1160 CUI-CEP-1160 Datasheet
247Kb / 4P
   piezo audio transducer
CPE-502 CUI-CPE-502 Datasheet
279Kb / 5P
   piezo audio transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com