Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST90T158 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST90T158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90T158 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST90T158 Datasheet HTML 7Page - STMicroelectronics ST90T158 Datasheet HTML 8Page - STMicroelectronics ST90T158 Datasheet HTML 9Page - STMicroelectronics ST90T158 Datasheet HTML 10Page - STMicroelectronics ST90T158 Datasheet HTML 11Page - STMicroelectronics ST90T158 Datasheet HTML 12Page - STMicroelectronics ST90T158 Datasheet HTML 13Page - STMicroelectronics ST90T158 Datasheet HTML 14Page - STMicroelectronics ST90T158 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 190 page
background image
11/190
ST90158 - GENERAL DESCRIPTION
1
PIN DESCRIPTION (Cont’d)
Figure 3. 80-Pin TQFP Pin-out
*EPROM or OTP devices only
ST90158/ST90135
AD6/P0.6
VSS
AD7/P0.7
V
DD
AS
DS
VPP*
P4.0
P4.1
INTCLK/P4.2
STOUT/P4.3
WDOUT/I NT0/P4.4
INT4/P4.5
T0OUTB/INT5 /P4.6
T0OUTA/P4 .7
P2.0
P2.1
P2.2
P2.3
P2.4
1
20
21
40
41
60
61
80
P1.0/A8
RESET
OSCIN
V
SS
OSCOUT
P5.1/SDI
HW0SW1
P5.3
P5.4/T1OUTA/DCD0
P5.5/T1OUT1/RTS0
P5.6/T3OUTA/DCD1
P5.7/T3OUTB/RTS1/CKAF
VDD
P8.0/T3INA
P8.1/T1INB
P8.2/INT1/T1OUTA
P8.3/INT3/T1OUTB
P8.4/T1INA/WA IT/WDOUT
P8.5/T3INB
P8.6/INT7/T3OUTA


Similar Part No. - ST90T158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST90T27 STMICROELECTRONICS-ST90T27 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
ST90T28 STMICROELECTRONICS-ST90T28 Datasheet
977Kb / 22P
   16K EPROM HCMOS MCUS WITH RAM
ST90T30 STMICROELECTRONICS-ST90T30 Datasheet
819Kb / 21P
   9K EPROM HCMOS MCUs WOTH A/D COMVERTER
ST90T30C1 STMICROELECTRONICS-ST90T30C1 Datasheet
819Kb / 21P
   9K EPROM HCMOS MCUs WOTH A/D COMVERTER
ST90T30C6 STMICROELECTRONICS-ST90T30C6 Datasheet
819Kb / 21P
   9K EPROM HCMOS MCUs WOTH A/D COMVERTER
More results

Similar Description - ST90T158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
logo
Fortune Semiconductor C...
FS98O21 FORTUNE-FS98O21 Datasheet
1Mb / 136P
   8-bit MCU with 2k program EPROM, 128-byte RAM
FS98O01 FORTUNE-FS98O01 Datasheet
890Kb / 58P
   8-bit MCU with 2k program EPROM, 128-byte RAM
FS98O02 FORTUNE-FS98O02 Datasheet
1Mb / 50P
   8-bit MCU with 2k program EPROM, 128-byte RAM
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
   16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com