Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C16258HK35 Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V53C16258HK35
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HK35 Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V53C16258HK35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 11Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 12Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 13Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 14Page - Mosel Vitelic, Corp V53C16258HK35 Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
MOSEL VITELIC
V53C16258H
V53C16258H Rev. 3.8 November 1999
Waveforms of EDO Page Mode Read Cycle
Waveforms of EDO Page Mode Write Cycle
VALID
DATA OUT
VALID
DATA OUT
COLUMN
ADDRESS
CAC (18)
t
HZ (22)
t
LZ
HZ (22)
HZ (22)
ROW
ADDRESS
COLUMN
ADDRESS
IH
V
IL
V
IH
V
IL
V
RP (3)
t
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
t
RAH (9)
t
ASR (8)
t
RCS (7)
t
RCH (14)
t
CSH (4)
IH
V
IL
V
CP (43)
t
ASC (10)
RCD (6)
t
t
RAS (1)
t RSH (R)(12)
t
CAS (5)
t
CAH (11)
t
t
AR (23)
t
CAS (5)
t
CAS (5)
PC (42)
t
CRP (13)
t
t
COLUMN
ADDRESS
t
t
CAR (44)
t
CAH (11)
t
RCS (7)
t
RCS (7)
t
RCH (14)
t
OAC (17)
t
t OAC (17)
t
CAA (20)
t
RRH (15)
LZ (21)
t
RAC (19)
t
t
CAC (18)
t
OEP (54)
VALID
DATA OUT
t
CRP (13)
t
t
RAS
UCAS, LCAS
WE
OE
I/O
ADDRESS
t
ASC (10)
t
COH (5)
CAC (18)
t
HZ (22)
t
CAA (20)
t
OES (52)
CAP (45)
t
CAH (11)
16258H-09
ROW
ADD
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
t
t
ASR (8)
IH
V
IL
V
CP (43)
t
ASC (10)
RCD (6)
t
RSH (W)(25)
COLUMN
ADDRESS
t
CAH (11)
t
CAS (5)
t
CAS (5)
t
CAR (44)
t
RAD (24)
t
CWL (26)
VALID
DATA IN
t
CRP (13)
t
WCS (27)
WP (29)
t
CAH (11)
t
ASC (10)
t
CAH (11)
t
DH (33)
t
DS (32)
IH
V
IL
V
COLUMN
ADDRESS
RAH (9)
COLUMN
ADDRESS
t
CRP (13)
t
t
WCH (28)
t
CWL (26)
t
WCS (27)
WP (29)
t
WCH (28)
t
t
CWL (26)
t
WCS (27)
WP (29)
t
WCH (28)
t
VALID
DATA IN
t
DH (33)
t
DS (32)
VALID
DATA IN
t
DH (33)
t
DS (32)
t
RP (3)
t
AR (23)
RAS
WE
OE
I/O
ADDRESS
OPEN
OPEN
t
RWL (31)
t
t
CSH (4)
t
RAS (1)
t
PC (42)
t
t
CAS (5)
UCAS, LCAS
16258H-10
Don’t Care
Undefined


Similar Part No. - V53C16258HK35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK35 MOSEL-V53C16258LK35 Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK40 MOSEL-V53C16258LK40 Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK45 MOSEL-V53C16258LK45 Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK50 MOSEL-V53C16258LK50 Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258HK35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com