Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAD3-D5-S12 Datasheet(PDF) 1 Page - CUI INC

Part # VAD3-D5-S12
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAD3-D5-S12 Datasheet(HTML) 1 Page - CUI INC

  VAD3-D5-S12 Datasheet HTML 1Page - CUI INC VAD3-D5-S12 Datasheet HTML 2Page - CUI INC VAD3-D5-S12 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAD3 series
features
·3W isolated output
·efficiency to 80%
·regulated outputs
·Pi input filter
·low ripple and noise
·24-Pin DIP package
·continuous short circuit
protection
model
input
output
output
input current
number1, 2, 3
voltage
voltage
current
no load
full load
efficiency
VAD3-D5-S3R3
4.5-6.0VDC
3.3VDC
600mA
15mA
619mA
64%
VAD3-D5-S5
4.5-6.0VDC
5VDC
600mA
15 mA
850 mA
70%
VAD3-D5-S12
4.5-6.0VDC
12VDC
250mA
15mA
800mA
75%
VAD3-D5-S15
4.5-6.0VDC
15VDC
200mA
15mA
800mA
75%
VAD3-D5-D5
4.5-6.0VDC
±5VDC
±300mA
25mA
850mA
70%
VAD3-D5-D12
4.5-6.0VDC
±12VDC
±125mA
25mA
800mA
75%
VAD3-D5-D15
4.5-6.0VDC
±15VDC
±100mA
25mA
800mA
75%
VAD3-D12-S3R3
9-18VDC
3.3VDC
600mA
7.5mA
236mA
70%
VAD3-D12-S5
9-18VDC
5VDC
600mA
7.5mA
340mA
73%
VAD3-D12-S12
9-18VDC
12VDC
250mA
7.5mA
320mA
78%
VAD3-D12-S15
9-18VDC
15VDC
200mA
7.5mA
320mA
78%
VAD3-D12-D5
9-18VDC
±5VDC
±300mA
12mA
340mA
73%
VAD3-D12-D12
9-18VDC
±12VDC
±125mA
12mA
320mA
78%
VAD3-D12-D15
9-18VDC
±15VDC
±100mA
12mA
320mA
78%
VAD3-D24-S3R3
18-36VDC
3.3VDC
600mA
5mA
113mA
73%
VAD3-D24-S5
18-36VDC
5VDC
600mA
5mA
168mA
74%
VAD3-D24-S12
18-36VDC
12VDC
250mA
5mA
156mA
80%
VAD3-D24-S15
18-36VDC
15VDC
200mA
5mA
156mA
80%
VAD3-D24-D5
18-36VDC
±5VDC
±300mA
7.5mA
168mA
74%
VAD3-D24-D12
18-36VDC
±12VDC
±125mA
7.5mA
156mA
80%
VAD3-D24-D15
18-36VDC
±15VDC
±100mA
7.5mA
156mA
80%
VAD3-D48-S3R3
36-72VDC
3.3VDC
600mA
3mA
58mA
71%
VAD3-D48-S5
36-72VDC
5VDC
600mA
2mA
82mA
76%
VAD3-D48-S12
36-72VDC
12VDC
250mA
2mA
78mA
80%
VAD3-D48-S15
36-72VDC
15VDC
200mA
2mA
78mA
80%
VAD3-D48-D5
36-72VDC
±5VDC
±300mA
3mA
82mA
76%
VAD3-D48-D12
36-72VDC
±12VDC
±125mA
3mA
80mA
78%
VAD3-D48-D15
36-72VDC
±15VDC
±100mA
3mA
80mA
78%
NOTES:
1. Suffix “HM” for 1.5K Vdc isolation
2. Suffix “H” for 3K Vdc isolation
3. Suffix “-SMT” for SMT case style


Similar Part No. - VAD3-D5-S12

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAD3-D48-S5 CUI-VAD3-D48-S5 Datasheet
249Kb / 3P
   DC/DC converter
More results

Similar Description - VAD3-D5-S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com