Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAD7R5-D12-D15 Datasheet(PDF) 1 Page - CUI INC

Part # VAD7R5-D12-D15
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAD7R5-D12-D15 Datasheet(HTML) 1 Page - CUI INC

  VAD7R5-D12-D15 Datasheet HTML 1Page - CUI INC VAD7R5-D12-D15 Datasheet HTML 2Page - CUI INC VAD7R5-D12-D15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAD7R5 series
features
·7.5W isolated output
·efficiency to 83%
·regulated outputs
·continuous short circuit protection
·24-Pin DIP package
·2:1 input range
·Pi input filter
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VAD7R5-D12-S3R3
9-18VDC
3.3VDC
1500mA
25mA
557mA
74%
VAD7R5-D12-S5
9-18VDC
5VDC
1500mA
25mA
801mA
78%
VAD7R5-D12-S12
9-18VDC
12VDC
625mA
25mA
762mA
82%
VAD7R5-D12-S15
9-18VDC
15VDC
500mA
25mA
762mA
82%
VAD7R5-D12-D5
9-18VDC
±5VDC
±750mA
30mA
791mA
79%
VAD7R5-D12-D12
9-18VDC
±12VDC
±310mA
30mA
753mA
83%
VAD7R5-D12-D15
9-18VDC
±15VDC
±250mA
30mA
753mA
83%
VAD7R5-D24-S3R3
18-36VDC
3.3VDC
1500mA
20mA
271mA
76%
VAD7R5-D24-S5
18-36VDC
5VDC
1500mA
20mA
396mA
79%
VAD7R5-D24-S12
18-36VDC
12VDC
625mA
20mA
381mA
82%
VAD7R5-D24-S15
18-36VDC
15VDC
500mA
20mA
381mA
82%
VAD7R5-D24-D5
18-36VDC
±5VDC
±750mA
25mA
386mA
81%
VAD7R5-D24-D12
18-36VDC
±12VDC
±310mA
25mA
377mA
83%
VAD7R5-D24-D15
18-36VDC
±15VDC
±250mA
25mA
377mA
83%
VAD7R5-D48-S3R3
36-72VDC
3.3VDC
1500mA
10mA
136mA
76%
VAD7R5-D48-S5
36-72VDC
5VDC
1500mA
10mA
195mA
80%
VAD7R5-D48-S12
36-72VDC
12VDC
625mA
10mA
190mA
82%
VAD7R5-D48-S15
36-72VDC
15VDC
500mA
10mA
190mA
82%
VAD7R5-D48-D5
36-72VDC
±5VDC
±750mA
15mA
193mA
81%
VAD7R5-D48-D12
36-72VDC
±12VDC
±310mA
15mA
188mA
83%
VAD7R5-D48-D15
36-72VDC
±15VDC
±250mA
15mA
188mA
83%
NOTE:
1. suffix “-SMT” for SMT case style


Similar Part No. - VAD7R5-D12-D15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAD-55A CUI-VAD-55A Datasheet
115Kb / 2P
   Metal Enclosed Switching Power Supply
VAD-55B CUI-VAD-55B Datasheet
115Kb / 2P
   Metal Enclosed Switching Power Supply
logo
Yantel Corporation
VAD0102BDH YANTEL-VAD0102BDH Datasheet
790Kb / 3P
   Miniature Variable Attenuator Patent product
VAD0102BDX YANTEL-VAD0102BDX Datasheet
790Kb / 3P
   Miniature Variable Attenuator Patent product
VAD0102DH YANTEL-VAD0102DH Datasheet
1,006Kb / 3P
   Miniature Variable Attenuator Patent product
More results

Similar Description - VAD7R5-D12-D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com