Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAT2-S12-D5-SMT Datasheet(PDF) 2 Page - CUI INC

Part # VAT2-S12-D5-SMT
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAT2-S12-D5-SMT Datasheet(HTML) 2 Page - CUI INC

  VAT2-S12-D5-SMT Datasheet HTML 1Page - CUI INC VAT2-S12-D5-SMT Datasheet HTML 2Page - CUI INC VAT2-S12-D5-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VAT2-SMT Series DC-DC Converter
2/ 3
Rev. 12-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
General Specifications
Short circuit protection
1 second
Temperature rise at full load
25°C Max, 15°C Typ.
Cooling
Free air convection
Operating temperature range
-40°C to +85°C
Storage temperature range
-55°C to +125°C
Soldering temperature
300°C (1.5mm from case for 10 sec.)
Storage humidity range
<95%
Case material
Plastic (UL94-V0)
MTBF
>3,500,000 hrs.
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Tested for 1 min.
1000
Vdc
Insulation Resistance
Test at 500 Vdc
1000
M
Typical Characteristics
Ambient Temperature (
)
1
23
5
6
7
8
9
10
12
13
14
Side View
Top View
Front View
2.74
0.2- 0.3
A
5.75
6.00
2.54
0.25
2.75
17.7 8
15.2 4
12.7
18.03
2.54
RoHS
Note: All Pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
PIN
1
2
3
5
6
7
GND
Vin
NA
NA
0V
+Vo
8
9
10
12
13
14
NA
-Vo
NA
NA
NA
NA
PIN
12 3
5 67
8
9
10
12
13
14
Outline Dimensions &
Recommended Layout Pattern


Similar Part No. - VAT2-S12-D5-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAT2-S12-D5-SMT CUI-VAT2-S12-D5-SMT Datasheet
283Kb / 3P
   dc-dc converter
VAT2-S12-D5-SMT CUI-VAT2-S12-D5-SMT Datasheet
210Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VAT2-S12-D5-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com