Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAWQ3 Datasheet(PDF) 3 Page - CUI INC

Part # VAWQ3
Description  DC-DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAWQ3 Datasheet(HTML) 3 Page - CUI INC

  VAWQ3 Datasheet HTML 1Page - CUI INC VAWQ3 Datasheet HTML 2Page - CUI INC VAWQ3 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: DC-DC converter
3 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAWQ3 series
DIMENSIONS (mm)
-25
-25
0
71
50
75
0
0
1
5
2
100
95
100%
120%
80%
60%
40%
20%
0%
Ambient Temperature(˚C)
Plastic Case
Copper Case
DERATING CURVE


Similar Part No. - VAWQ3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAWQ3 CUI-VAWQ3 Datasheet
310Kb / 4P
   DC-DC CONVERTER
VAWQ3 CUI-VAWQ3 Datasheet
370Kb / 4P
   DC-DC CONVERTER
07/20/2021
VAWQ3-Q24-D12 CUI-VAWQ3-Q24-D12 Datasheet
310Kb / 4P
   DC-DC CONVERTER
VAWQ3-Q24-D12 CUI-VAWQ3-Q24-D12 Datasheet
370Kb / 4P
   DC-DC CONVERTER
07/20/2021
VAWQ3-Q24-D12 CUI-VAWQ3-Q24-D12 Datasheet
474Kb / 4P
   DC-DC CONVERTER
07/20/2021
More results

Similar Description - VAWQ3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com