Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7161FU8BW-10L Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM7161FU8BW-10L
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7161FU8BW-10L Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7161FU8BW-10L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7161FU8BW-10L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM610FV16 Series
Low Power, 64Kx16 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
2.Typical values are measured at TA=25
oC and not 100% tested.
Parameter
Symbol
Test Condition
Min
Typ2)
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.5
-
3.6
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.25
-
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS1 > Vcc-0.2V
V
cc
2.7V
2.2V
V
DR
CS
1
GND
tSDR
tRDR
Data Retention Mode
V
cc
2.7V
CS2
VDR
0.4V
GND
CS2 < 0.2V
DATA RETENTION WAVE FORM


Similar Part No. - EM7161FU8BW-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7161FU16DS-12LF EMLSI-EM7161FU16DS-12LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7161FU16DS-12LL EMLSI-EM7161FU16DS-12LL Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7161FU16DS-85LF EMLSI-EM7161FU16DS-85LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7161FU16DS-85LL EMLSI-EM7161FU16DS-85LL Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7161FU16DT-12LF EMLSI-EM7161FU16DT-12LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7161FU8BW-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FV16 EMLSI-EM611FV16 Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com