Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C517405A60 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V53C517405A60
Description  4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C517405A60 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V53C517405A60 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C517405A60 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MOSEL VITELIC
V53C517405A
3
V53C517405A Rev. 1.1 March 1998
Absolute Maximum Ratings*
Operating temperature range ..................0 to 70
°C
Storage temperature range ............... -55 to 150
°C
Input/output voltage ....... -0.5 to min (VCC+0.5, 7) V
Power supply voltage ............................-1.0V to 7V
Power dissipation .......................................... 1.0 W
Data out current (short circuit) ...................... 50 mA
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VCC = 5 V ± 10%, VSS = 0 V, f = 1 MHz
*Note: Capacitance is sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
CIN1
Address Input
5
pF
CIN2
RAS, CAS, WE, OE
7
pF
COUT
Data Input/Output
7
pF
Block Diagram
No. 2 Clock
Generator
Data In
Buffer
Data Out
Buffer
Column
Address
Buffers (11)
Refresh
Controller
Row
Decoder
Refresh
Counter (11)
No. 1 Clock
Generator
Voltage Down
Generator
Row
Address
Buffers (11)
11
4
I/O1 I/O2 I/O3 I/O4
4
OE
11
11
11
4
2048
VCC
VCC (internal)
2048
x4
Memory Array
2048 x 2048 x 4
Sense Amplifier
I/O Gating
Column
Decoder
A0
CAS
WE
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
RAS
11
511740500-03
4096 x 4


Similar Part No. - V53C517405A60

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
V53C516400A50 MOSEL-V53C516400A50 Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
V53C516400A60 MOSEL-V53C516400A60 Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A50 MOSEL-V53C516405A50 Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C517405A60

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
AMIC Technology
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com