Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMRS152K50X7RA-XX-TR30 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # TMRS152K50X7RA-XX-TR30
Description  Radial Ceramic Monolithic Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TMRS152K50X7RA-XX-TR30 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  TMRS152K50X7RA-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated TMRS152K50X7RA-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated TMRS152K50X7RA-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated TMRS152K50X7RA-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated TMRS152K50X7RA-XX-TR30 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. A/AJ 2008-03-13
TMR Series
Radial Ceramic Monolithic Capacitor
www.taitroncomponents.com
Page 4 of 5
Tolerance Code
J: ±5%
K: ±10%
M: ±20%
Factory Location Code
Series Number
TMR: Taitron Radial Ceramic
Monolithic Capacitor
Size Code (WxHxTxd)
S: 3.8x3.8x2.5x0.5 (mm)
M: 5.0x5.0x3.0x0.5 (mm)
Capacitance Value
Example:
152=15x10
2pF=1.5µF
Packing Code
TR30: Tape & Reel in 13’’ with RoHS
AR:
Ammo Pack with RoHS
BL:
Bulk Pack with RoHS
Rated Voltage
50: 50VDC
Temperature Coefficiency
X7R: X7R
NPO: NPO
Pitch Code
A: 0.1”
B: 0.2”
How to order:
TMR S 152 K 50 X7R A - xx - TR30


Similar Part No. - TMRS152K50X7RA-XX-TR30

ManufacturerPart #DatasheetDescription
logo
NEC
TMRS-3020 NEC-TMRS-3020 Datasheet
2Mb / 27P
   NEC TOKIN Sensors
TMRS-4001 NEC-TMRS-4001 Datasheet
2Mb / 27P
   NEC TOKIN Sensors
More results

Similar Description - TMRS152K50X7RA-XX-TR30

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com