Electronic Components Datasheet Search |
|
ES5150BV-12.800M Datasheet(PDF) 3 Page - Ecliptek Corporation |
|
ES5150BV-12.800M Datasheet(HTML) 3 Page - Ecliptek Corporation |
3 / 4 page SPECIFICATION CONTROL DRAWING EC51- 25E V 12.800M Frequency Stability Code Per Table1 Frequency Pin1 Connection Blank= No Connect (pin1 not present) V= Voltage Control Operating Temperature Range Code Per Table1 PART NUMBERING GUIDE (Line #1) ECLIPTEK (Line #2) EC51 00XY Pin1 Connection Blank= No Connect (pin1 not present) V= Control Voltage 2.5Vdc ±2.0Vdc Positive Transfer Characteristic Operating Temperature Code Per Table1 Frequency Stability Code Per Table1 NOTE: Marking shall conform to conditions listed in TQC41-001-000. (Line #3) XX.XXXM (Line #4) XXY ZZ Week of Year Frequency Last Digit of Year Ecliptek Manufacturing Code ECLIPTEK EC5100XY XX.XXXM XXYZZ NOTE: Pin1 is not present when Control Voltage is specified asa "No Connect" ALL DIMENSIONS IN MILLIMETERS MARKING GUIDE PAGE1 OF2 Drawing Number CSC06-010-000 05-02-03 Title 4.5mm HEIGHT THRU-HOLE HCMOS/TTL TCXO Revision ECN Number Approved By Date Effectivity Date Released By Date E 8395 18.3 ±0.5 11.7 ±0.5 ∅3.5 ±0.5 4.5 ±0.3 5.0 ±1.0 Ø0.50 ±0.05 2.5 ±0.3 1.2 +0/-0.5 15.24 ±0.40 4.0 ±0.3 7.62 ±0.30 Output (3) Supply Voltage (4) Ground (2) Control Voltage (1) 4.0 ±0.3 Frequency Range: Frequency Stability: vs. Input Voltage (±5%) vs. Load (±2pF) vs. Aging (at 25°C) Operating/Storage Temp. Range Supply Voltage Input Current Output Voltage Logic High Output Voltage Logic Low Rise/Fall Time Duty Cycle Load Drive Capabillity Internal Trim (Top of Can) Pin1 Control Voltage Blank V Frequency Deviation Typical Phase Noise 9.600MHz to 35.000MHz See Table1 for Maximum Values (Inclusive of Operating Temperature Range) ±0.3ppm Maximum ±0.3ppm Maximum ±1ppm/year Maximum See Table1 for Operating Temperature Range/ Storage -40ºC to +85ºC 5.0Vdc ±5% 30mA Maximum 2.4Vdc Min. w/TTL Load, VDD-0.5Vdc Min. w/HCMOS Load 0.4Vdc Max. w/TTL Load, 0.5Vdc Max. w/HCMOS Load 10nSec (0.4Vdc to 2.4Vdc w/TTL Load, 20% to 80% of waveform w/HCMOS Load) 50% ±10% (@1.4Vdc w/TTL Load, @50% of waveform w/HCMOS Load) 10TTL Load or 15pF HCMOS Load Maximum ±3ppm Minimum No Connect (Pin1 not present) 2.5Vdc ±2.0Vdc, Positive Transfer Charateristic ±5ppm Minimum over Control Voltage -85dBc/Hz at 10Hz Offset, -115dBc/Hz at 100Hz Offset, -135dBc/Hz at 1kHz Offset, -140dBc/Hz at 10kHz Offset, -145dBc/Hz at 100kHz Offset, -150dBc/Hz at 1MHz Offset STANDARD SPECIFICATIONS OPERATING TEMPERATURE 15 ±1.5ppm Y Y X 20 ±2.0ppm Y Y Y X X 25 ±2.5ppm Y Y Y Y X X 30 ±3.0ppm Y X X Y Y Y Y 35 ±3.5ppm Y X Y Y Y Y Y 50 ±5.0ppm Y Y Y Y Y Y Y FREQUENCY STABILITY Range 0°C to +50°C -10°C to +60°C -20°C to +70°C -30°C to +60°C -30°C to +75°C -35°C to +80°C -40°C to +85°C Code A B C D E F G Code Range TABLE 1: PART NUMBERING CODES X Denotes availability from 9.600MHz to 25.000MHz Y Denotes availability for any valid frequency. Fine Leak Test: Gross Leak Test: Mechanical Shock: Vibration: Lead Integrity: Solderability: Temperature Cycling: Resistance to Soldering Heat: Resistance to Solvents: MIL-STD-883, Method 1014, ConditionA MIL-STD-883, Method 1014, ConditionC MIL-STD-202, Method 213, ConditionC MIL-STD-883, Method 2007, ConditionA MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215 ENVIRONMENTAL& MECHANICAL OBSOLETE |
Similar Part No. - ES5150BV-12.800M |
|
Similar Description - ES5150BV-12.800M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |