Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ40A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # SMCJ40A
Description  1500W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMCJ40A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  SMCJ40A Datasheet HTML 1Page - TAITRON Components Incorporated SMCJ40A Datasheet HTML 2Page - TAITRON Components Incorporated SMCJ40A Datasheet HTML 3Page - TAITRON Components Incorporated SMCJ40A Datasheet HTML 4Page - TAITRON Components Incorporated SMCJ40A Datasheet HTML 5Page - TAITRON Components Incorporated SMCJ40A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1500W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
SMCJ 5.0A - 170CA
www.taitroncomponents.com
Page 2 of 6
Mechanical Data
Case:
JEDEC DO-214AB(SMC) molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band except Bi-directional
Mounting Position:
Any
Weight:
0.007 ounce, 0. 21 gram
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@
Test Current
P/N (note3)
Device
Marking Code
Stand-
Off
Voltage
V BR
Max.
Clampi
ng
Vltg. @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM
(V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
(note1)
ID (
μA)
(note2)
SMCJ5.0A
SMCJ5.0CA
GDE
GDE
5.0
6.4
7.07
9.2
163.0
800
SMCJ6.0A
SMCJ6.0CA
GDG
GDG
6.0
6.67
7.37
10.3
145.6
800
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
7.98
11.2
133.9
500
SMCJ7.0A
SMCJ7.0CA
GDM
GDM
7.0
7.78
8.60
10
12.0
125.0
200
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.21
12.9
116.3
100
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
9.83
13.6
110.3
50
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.4
14.4
104.2
10
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.0
11.1
15.4
97.4
5.0
SMCJ10A
SMCJ10CA
GDX
BDX
10.0
11.1
12.3
17.0
88.2
5.0
SMCJ11A
SMCJ11CA
GDZ
GDZ
11.0
12.2
13.5
18.2
82.4
1.0
SMCJ12A
SMCJ12CA
GEE
BEE
12.0
13.3
14.7
19.9
75.4
1.0
SMCJ13A
SMCJ13CA
GEG
GEG
13.0
14.4
15.9
21.5
69.8
1.0
SMCJ14A
SMCJ14CA
GEK
BEK
14.0
15.6
17.2
23.2
64.7
1.0
SMCJ15A
SMCJ15CA
GEM
BEM
15.0
16.7
18.5
24.4
61.5
1.0
SMCJ16A
SMCJ16CA
GEP
GEP
16.0
17.8
19.7
26.0
57.7
1.0
SMCJ17A
SMCJ17CA
GER
GER
17.0
18.9
20.9
1.0
27.6
54.3
1.0


Similar Part No. - SMCJ40A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMCJ40A VISHAY-SMCJ40A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
SHIKUES Electronics
SMCJ40A SKTECHNOLGY-SMCJ40A Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Dc Components
SMCJ40A DCCOM-SMCJ40A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ40A MCC-SMCJ40A Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ40A VISHAY-SMCJ40A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ40A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com