Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ30CA Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # SMBJ30CA
Description  600W Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMBJ30CA Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  SMBJ30CA Datasheet HTML 1Page - TAITRON Components Incorporated SMBJ30CA Datasheet HTML 2Page - TAITRON Components Incorporated SMBJ30CA Datasheet HTML 3Page - TAITRON Components Incorporated SMBJ30CA Datasheet HTML 4Page - TAITRON Components Incorporated SMBJ30CA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
600W Surface Mount Transient Voltage Suppressor
Rev.C/AH 2007-08-01
www.taitroncomponents.com
Page 2 of 5
SMBJ5.0A~170CA
Note:
(1) PCB mounted on copper pad area of 0.2" x 0.2" (5.0mmx5.0mm).
(2) 8.3ms single half sine-wave superimposed on rated load (uni-direction only), TL=75°C
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current
P/N (note1)
Device
Marking
Code
Stand-Off
Voltage
V BR
Max.
Clamping
Voltage @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
µA)
(note2)
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.4
7.07
9.2
65.2
800/1600
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.37
10.3
58.3
800/1600
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
7.98
11.2
53.6
500/1000
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.6
10
12.0
50.0
200/400
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.21
12.9
46.5
100/200
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
9.83
13.6
44.1
50/100
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.4
14.4
41.7
20/40
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.0
11.1
1.0
15.4
39.0
5/10
SMBJ10A
SMBJ10CA
KX
AX
10
11.1
12.3
1.0
17.0
35.3
5/10
SMBJ11A
SMBJ11CA
KZ
AZ
11
12.2
13.5
1.0
18.2
33.0
5.0
SMBJ12A
SMBJ12CA
LE
BE
12
13.3
14.7
1.0
19.9
30.2
5.0
SMBJ13A
SMBJ13CA
LG
BG
13
14.4
15.9
1.0
21.5
27.9
1.0
SMBJ14A
SMBJ14CA
LK
BK
14
15.6
17.2
23.2
25.9
SMBJ15A
SMBJ15CA
LM
BM
15
16.7
18.5
24.4
24.6
SMBJ16A
SMBJ16CA
LP
BP
16
17.8
19.7
26.0
23.1
SMBJ17A
SMBJ17CA
LR
BR
17
18.9
20.9
27.6
21.7
SMBJ18A
SMBJ18CA
LT
BT
18
20.0
22.1
29.2
20.5
SMBJ20A
SMBJ20CA
LV
BV
20
22.2
24.5
32.4
18.5
SMBJ22A
SMBJ22CA
LX
BX
22
24.4
26.9
35.5
16.9
SMBJ24A
SMBJ24CA
LZ
BZ
24
26.7
29.5
38.9
15.4
SMBJ26A
SMBJ26CA
ME
CE
26
28.9
31.9
42.1
14.3
SMBJ28A
SMBJ28CA
MG
CG
28
31.1
34.4
45.4
13.2
SMBJ30A
SMBJ30CA
MK
CK
30
33.3
36.8
48.4
12.4
SMBJ33A
SMBJ33CA
MM
CM
33
36.7
40.6
1.0
53.3
11.3
1.0


Similar Part No. - SMBJ30CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ30CA SOCAY-SMBJ30CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ30CA BYTES-SMBJ30CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMBJ30CA DAESAN-SMBJ30CA Datasheet
348Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
SMBJ30CA ZOWIE-SMBJ30CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMBJ30CA SECOS-SMBJ30CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ30CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com