Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ18CA Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # SMCJ18CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMCJ18CA Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  SMCJ18CA Datasheet HTML 1Page - TAITRON Components Incorporated SMCJ18CA Datasheet HTML 2Page - TAITRON Components Incorporated SMCJ18CA Datasheet HTML 3Page - TAITRON Components Incorporated SMCJ18CA Datasheet HTML 4Page - TAITRON Components Incorporated SMCJ18CA Datasheet HTML 5Page - TAITRON Components Incorporated SMCJ18CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1500W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
SMCJ 5.0A - 170CA
www.taitroncomponents.com
Page 3 of 6
Breakdown Voltage
@
Test Current
P/N (note3)
Device
Marking Code
Stand-
Off
Voltage
V BR
Max.
Clampi
ng
Vltg. @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM
(V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
(note1)
ID (
μA)
(note2)
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.0
22.1
29.2
51.4
1.0
SMCJ20A
SMCJ20CA
GEV
BEV
20.0
22.2
24.5
32.4
46.3
1.0
SMCJ22A
SMCJ22CA
GEX
BEX
22.0
24.4
26.9
35.5
42.3
1.0
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.7
29.5
38.9
38.6
1.0
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.9
31.9
42.1
35.6
1.0
SMCJ28A
SMCJ28CA
GFG
BFG
28.0
31.1
34.4
45.4
33.0
1.0
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.3
36.8
48.4
31.0
1.0
SMCJ33A
SMCJ33CA
GFM
BFM
33.0
36.7
40.6
53.3
28.1
1.0
SMCJ36A
SMCJ36CA
GFP
BFP
36.0
40.0
44.2
58.1
25.8
1.0
SMCJ40A
SMCJ40CA
GFR
BFR
40.0
44.4
49.1
64.5
23.3
1.0
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.8
52.8
69.4
21.6
1.0
SMCJ45A
SMCJ45CA
GFV
GFV
45.0
50.0
55.3
72.7
20.6
1.0
SMCJ48A
SMCJ48CA
GFX
GFX
48.0
53.3
58.9
77.4
19.4
1.0
SMCJ51A
SMCJ51CA
GFZ
GFZ
51.0
56.7
62.7
82.4
18.2
1.0
SMCJ54A
SMCJ54CA
GGE
GGE
54.0
60.0
66.3
87.1
17.2
1.0
SMCJ58A
SMCJ58CA
GGG
GGG
58.0
64.4
71.2
93.6
16.0
1.0
SMCJ60A
SMCJ60CA
GGK
GGK
60.0
66.7
73.7
96.8
15.5
1.0
SMCJ64A
SMCJ64CA
GGM
GGM
64.0
71.1
78.6
103
14.6
1.0
SMCJ70A
SMCJ70CA
GGP
GGP
70.0
77.8
86.0
113
13.3
1.0
SMCJ75A
SMCJ75CA
GGR
GGR
75.0
83.3
92.1
121
12.4
1.0
SMCJ78A
SMCJ78CA
GGT
GGT
78.0
86.7
95.8
126
11.9
1.0
SMCJ85A
SMCJ85CA
GGV
GGV
85.0
94.4
104
137
10.9
1.0
SMCJ90A
SMCJ90CA
GGX
GGX
90.0
100
111
146
10.3
1.0
SMCJ100A
SMCJ100CA
GGZ
GGZ
100
111
123
162
9.3
1.0
SMCJ110A
SMCJ110CA
GHE
GHE
110
122
135
177
8.5
1.0
SMCJ120A
SMCJ120CA
GHG
GHG
120
133
147
1.0
193
7.8
1.0


Similar Part No. - SMCJ18CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ18CA FAIRCHILD-SMCJ18CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Micro Commercial Compon...
SMCJ18CA MCC-SMCJ18CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Microdiode Electronics ...
SMCJ18CA CHENDA-SMCJ18CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMCJ18CA SECOS-SMCJ18CA Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
Guangdong Youtai Semico...
SMCJ18CA UMW-SMCJ18CA Datasheet
659Kb / 4P
   5V-188V 1500W
More results

Similar Description - SMCJ18CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com