Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2836 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # MC2836
Description  SMALL-SIGNAL DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

MC2836 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  MC2836 Datasheet HTML 1Page - Isahaya Electronics Corporation MC2836 Datasheet HTML 2Page - Isahaya Electronics Corporation MC2836 Datasheet HTML 3Page - Isahaya Electronics Corporation MC2836 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC2836
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(COMMON ANODE)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Min
Min
Uniit
V
F1
I
F=10mA
-
0.77
0.9
V
F2
I
F=50mA
-
0.90
1.0
Forward voltage
V
F3
I
F=100mA
-
0.95
1.2
V
Reverse current
I
R
V
R=50V
-
-
0.1
μA
Pin capacitance
C
VR=0V,f=1MHz
-
2.8
4.0
pF
Reverse recovery time
trr
(Refer to test circuit)
-
4.0
ns
TRIGGER
IF=10mA,VR=6V
3kΩ
RL=50Ω
+
trr=0.1lr REVERSERECOVERY
TIME FOR 0.1 Ir
-
●INPUT VOLTAGE WAVE FORM
●CURRENT WAVE FORM IN DIODE
VFIF
VRIr
0.1lr
trr
SUPPLY
(Zout=50Ω)
OSCILLOSCOPE
(Zin=50Ω)
DCPOWER
0.02μF
    D.U.T
PULSE GENERATER
SAMPLING
0
0
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - MC2836

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2836 ETC-MC2836 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulated Diodes
logo
TRANSYS Electronics Lim...
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
266Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Jiangsu Changjiang Elec...
MC2836 JIANGSU-MC2836 Datasheet
3Mb / 4P
   SWITCHING DIODE
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836_13 Datasheet
266Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results

Similar Description - MC2836

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com