Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-S-30.000M-I2TR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ECJ-S-30.000M-I2TR
Description  CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECJ-S-30.000M-I2TR Datasheet(HTML) 1 Page - Ecliptek Corporation

  ECJ-S-30.000M-I2TR Datasheet HTML 1Page - Ecliptek Corporation ECJ-S-30.000M-I2TR Datasheet HTML 2Page - Ecliptek Corporation ECJ-S-30.000M-I2TR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
May 1
st, 2008
TO:
All Sales Personnel
FROM:
Isaac Gonzalez
RE:
Product Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the following Ecliptek
series effective May 1
st, 2008:
Series
Description
Recommended Replacement
EC
Resistance Welded HC-49/U Crystal
EU Series
In compliance with our End of Life (EOL) policy, this will serve as advanced notice of
product termination. New orders will not be accepted after September 1
st, 2009, with
delivery to conclude by December 31
st, 2009.
If there are any questions pertaining to this bulletin, please feel free to contact me.
Thank you again for your cooperation.
Best Regards,
Isaac Gonzalez
Configuration Manager
Ecliptek Corporation


Similar Part No. - ECJ-S-30.000M-I2TR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-0EB0J105M PANASONIC-ECJ-0EB0J105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
logo
Analog Devices
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
ECJ-0EB0J475M AD-ECJ-0EB0J475M Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - ECJ-S-30.000M-I2TR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com