Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161FS32ET-85LL Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161FS32ET-85LL
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161FS32ET-85LL Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM6161FS32ET-85LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161FS32ET-85LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM620FV8AS Series
Low Power, 256Kx8 SRAM
1
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Rev 0.2
Document Title
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
May 31 , 2004
0.1
1’st Revision
ICC2 value changed ( @70ns product : 20mA -> 25mA )
( @55ns product : 25mA -> 30mA )
Dec 14 , 2004
0.2
2’nd Revision
ISB1 Max. value changed from 5uA to 15uA.
ISB1 Typ. value deleted.
IDR Max. value changed to 5uA.
IDR Typ. value deleted.
Jan 4 , 2005
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea
Zip Code : 690-719
Tel : +82-64-740-1700 Fax : +82-64-740-1749~1750 /
Homepage : www.emlsi.com
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM6161FS32ET-85LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FS32AW10LL EMLSI-EM6161FS32AW10LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FS32AW10S EMLSI-EM6161FS32AW10S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FS32AW45LL EMLSI-EM6161FS32AW45LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FS32AW45S EMLSI-EM6161FS32AW45S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FS32AW55L EMLSI-EM6161FS32AW55L Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161FS32ET-85LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com