Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C808H35 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V53C808H35
Description  HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C808H35 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V53C808H35 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C808H35 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
V53C808H Rev. 1.5 April 1998
MOSEL VITELIC
V53C808H
Notes:
1.
ICC is dependent on output loading when the device output is selected. Specified ICC (max.) is measured with the
output open.
2.
ICC is dependent upon the number of address transitions. Specified IDD (max.) is measured with a maximum of two
transitions per address cycle in EDO Page Mode.
3.
Specified VIL (min.) is steady state operating. During transitions, VIL (min.) may undershoot to –1.0 V for a period
not to exceed 20 ns. All AC parameters are measured with VIL (min.) ³ VSS and VIH (max.) £ VDD.
4.
tRCD (max.) is specified for reference only. Operation within tRCD (max.) limits insures that tRAC (max.) and tCAA
(max.) can be met. If tRCD is greater than the specified tRCD (max.), the access time is controlled by tCAA and tCAC.
5.
Either tRRH or tRCH must be satisified for a Read Cycle to occur.
6.
Measured with a load equivalent to one TTL input and 50 pF.
7.
Access time is determined by the longest of tCAA, tCAC and tCAP.
8.
Assumes that tRAD £ tRAD (max.). If tRAD is greater than tRAD (max.), tRAC will increase by the amount that tRAD ex-
ceeds tRAD (max.).
9.
Assumes that tRCD £ tRCD (max.). If tRCD is greater than tRCD (max.), tRAC will increase by the amount that tRCD
exceeds tRCD (max.).
10.
Assumes that tRAD ³ tRAD (max.).
11.
Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference
point only. If tRAD is greater than the specified tRAD (max.) limit, the access time is controlled by tCAA and tCAC.
12.
tWCS, tRWD, tAWD and tCWD are not restrictive operating parameters.
13.
tWCS (min.) must be satisfied in an Early Write Cycle.
14.
tDS and tDH are referenced to the latter occurrence of CAS or WE.
15.
tT is measured between VIH (min.) and VIL (max.). AC-measurements assume tT = 3 ns.
16.
Assumes a three-state test load (5 pF and a 500 Ohm Thevenin equivalent).
17.
An initial 200
ms pause and 8 RAS-containing cycles are required when exiting an extended period of bias without
clocks. An extended period of time without clocks is defined as one that exceeds the specified Refresh Interval.
18.
Once CBR refresh or complete set of row refresh cycles must be completed upon exiting Self Refresh Mode.


Similar Part No. - V53C808H35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H40 MOSEL-V53C806H40 Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H45 MOSEL-V53C806H45 Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H50 MOSEL-V53C806H50 Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H60 MOSEL-V53C806H60 Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C808H35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com