Electronic Components Datasheet Search |
|
E32C2E3A1A-77.760MTR Datasheet(PDF) 8 Page - Ecliptek Corporation |
|
E32C2E3A1A-77.760MTR Datasheet(HTML) 8 Page - Ecliptek Corporation |
8 / 13 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR E13C2 CERAMIC 3.3V OS64 10/02 E13C2 Series OSCILLATOR E13C2 NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ ELECTRICAL SPECIFICATIONS 19.440MHz to 212.500MHz 0°C to 70°C or -40°C to 85°C -55°C to 125°C 3.3V DC ±5% 75mA Maximum 100KH ±100ppm, ±50ppm, ±25ppm, or ±20ppm Maximum V CC-1.025VDC Minimum V CC-1.620VDC Maximum 2 nSeconds Maximum 50 ±10(%) 50 ±5(%) 50 Ohms into V CC-2.0VDC No Connect, Enable/Disable, Complementary Output, or Complementary Output and Enable/Disable Enables Output Enables Output Disables Output: Logic Low Disables Complementary Output: Logic High 10 mSeconds Maximum 1 pSec Maximum Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (V CC) Input Current Logic Type Frequency Tolerance / Stability Output Voltage Logic High (V OH) Output Voltage Logic Low (V OL) Rise Time / Fall Time Duty Cycle Load Drive Capability Logic Control / Additional Output Enable/Disable Input Voltage Start Up Time RMS Phase Jitter Inclusive of Operating Temp Range, Supply Voltage, Load, and Aging @25°C over 10 years 20% to 80% of waveform at 50% of waveform V IL of VCC-1.475VDC Maximum No Connection V IH of VCC-1.165VDC Minimum FJ = 12kHz to 20MHz 800-ECLIPTEK www.ecliptek.com for latest revision 158 Specifications subject to change without notice. • PECL Output Oscillators • 3.3V supply voltage • 6 pad ceramic SMD package with J-leads • Stability to 20ppm • Output Enable/Disable available • Complementary Output available • Available on Tape and Reel H 5.1 L 14.2 W 9.85 OBSOLETE |
Similar Part No. - E32C2E3A1A-77.760MTR |
|
Similar Description - E32C2E3A1A-77.760MTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |