Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA5100 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA5100
Description  140W MONO BASH POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5100 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA5100 Datasheet HTML 4Page - STMicroelectronics STA5100 Datasheet HTML 5Page - STMicroelectronics STA5100 Datasheet HTML 6Page - STMicroelectronics STA5100 Datasheet HTML 7Page - STMicroelectronics STA5100 Datasheet HTML 8Page - STMicroelectronics STA5100 Datasheet HTML 9Page - STMicroelectronics STA5100 Datasheet HTML 10Page - STMicroelectronics STA5100 Datasheet HTML 11Page - STMicroelectronics STA5100 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
STA5100
8/14
Gain without compression (G)
= 5
Max Attenuation ratio
= 26 dB
The following graph gives the representation of the Compressor activation status related to the Vthreshold and
the input voltage. The delimitation line between the two fields, compression or not, is expressed by the formula :
Where G is the preamplifier gain without compression.
In the compression region the gain of the preamplifier will be reduced
(G = 2·Vthreshold/Vin) to maintain at steady state the output voltage equal 2*|Vthreshold| .
Instead in the other region the compressor will be off (G = 5).
The delimitation line between the two fields can be related to the output voltage of the preamplifier: in this case
the formula is :
Figure 1. Compressor activation field
The relative attenuation introduced by the variable gain cell is the following :
The total gain of the stage will be:
Gdb = 20log5 + Attenuation
The maximum input swing is related to the value of input resistor, to guarantee that the input current remain
under Iin_Max value (1 mA).
V
in
2Vthresh ol d
G
-------------------------------------------
=
V
out
2Vthre sho ld
=
1
2
4
6
8
2345
G = 5
|Vthreshold|
VIN PEAK
COMPRESSION
G < 5
D01AU1264
Attenu atio n
20
2
5
---
log
V
th
V
in _peak
----------------------
=
R
i
V
in_peak
I
in_max
----------------------
>


Similar Part No. - STA5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
   44-volt, 5.5-amp, quad power half bridge
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
More results

Similar Description - STA5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5150 STMICROELECTRONICS-STA5150 Datasheet
146Kb / 14P
   200W MONO BASH POWER AMPLIFIER
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
   100100W STEREO BASH POWER AMPLIFIER
STA550 STMICROELECTRONICS-STA550 Datasheet
201Kb / 16P
   70&0W STEREO BASH POWER AMPLIFIER
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
   4 X 50W STEREO BASH POWER AMPLIFIER
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Mospec Semiconductor
2N5671 MOSPEC-2N5671 Datasheet
125Kb / 3P
   POWER TRANSISTORS(30A,140W)
logo
Fangtek Ltd.
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
   1.25W Mono Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
Fairchild Semiconductor
FAN7023 FAIRCHILD-FAN7023 Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com