Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VADS-5524 Datasheet(PDF) 1 Page - CUI INC

Part # VADS-5524
Description  Single/Double Output with Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VADS-5524 Datasheet(HTML) 1 Page - CUI INC

  VADS-5524 Datasheet HTML 1Page - CUI INC VADS-5524 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
VADS-5524 Single/Double Output with Battery Charger
CH1
CH2
DC output voltage
24V
5V
Output V. tolerance
±1%
±3%
Output rated current
2A
2A
Output current range
0-2.5A
0-4A
Ripple & noise
100mVp-p
100mVp-p
Line regulation
±1%
±0.5%
Load regulation
±1%
±0.5%
DC output power
58W
Efficiency
77%
DC voltage adj.
±10%
fixed
Input voltage range
88~264VAC 47~63Hz; 124~370VDC
AC current
1.6A/115V 1A/230V
Inrush current
cold start 20A/115V 40A/230V
Leakage current
<1mA/240VAC
Overload protection
105%~150% / 230 VAC
type: Hiccup mode, recovers automatically after fault condiction is removed
Over voltage protection
CH1: 115%~135% type: pulse by pulse
Temperature coefficient
±0.03% / ºC (0~50ºC)
Set up, rise, hold up time
1.6s, 50ms, 16ms/115VAC 800ms, 50ms, 60ms / 230VAC
Vibration
10~500Hz, 2G 10 min./1 cycle, period of 60 min. each axes
Withstand voltage
I/P-O/P: 3KVAC, I/P-FG: 1.5KVAC, O/P-FG: 0.5KVAC, for 1 min
Isolation resistance
I/P-O/P, I/P-FG, O/P-FG: 500VDC / 100M Ohms min.
Working temp., humidity
-10°C~+60% (refer to output derating curve), 20%-90% RH
Storage temp., humidity
-20°C~+85°C, 10%-95% RH
Dimensions
6.26x3.82x1.50 inches (159x97x38 mm)
Case: 901
Weight
1.26 lb. (0.57 Kgs)
Safety standards
UL1950, TUV EN60950 approved
EMC standards
CISPR22 (EN55022) CLASS B, EN61000-3-2,3; EN61000-4-2,3,4,5,6,8,11; ENV50204
Notes:
1. All parameters are specified at 230VAC input, rated load, 25°C 70% ambient
2. Tolerance includes set up tolerance, line regulation, load regulation
3. Ripple & noise are measured at 20MHz by using a 12” twisted pair terminated with a 0.1uF & 47 uF capacitor
4. Line regulation is measured from low line to high line at rated load
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load
6. Each output provides up to maximum current, but total load can not exceed maximum output power
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise cus-
tomers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for cus-
tomer ’s applications using V-Infinity products other than repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s pub-
lished specifications. Nothing will be covered outside of standard product warranty.
Features
·Low cost
·High reliability
·105°C output capacitor
·Universal AC input range
·High efficiency, low temperature rise
·Soft-start circuit, limiting AC surge current
·Short circuit, overload, battery protected
·Compact size, light weight
·100% full load burn-in test
·Built in EMI filter, low ripple noise
·Battery low / Battery polarity protections


Similar Part No. - VADS-5524

ManufacturerPart #DatasheetDescription
logo
CUI INC
VADS-5512 CUI-VADS-5512 Datasheet
119Kb / 2P
   Single/Double Output with Battery Charger
More results

Similar Description - VADS-5524

ManufacturerPart #DatasheetDescription
logo
CUI INC
VADS-5512 CUI-VADS-5512 Datasheet
119Kb / 2P
   Single/Double Output with Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
PB-230 MEANWELL-PB-230 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
logo
List of Unclassifed Man...
PB-360P-24 ETC2-PB-360P-24 Datasheet
295Kb / 3P
   360W Single Output Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com