Electronic Components Datasheet Search |
|
E31F4F3B2C-155.520M-CL125 Datasheet(PDF) 8 Page - Ecliptek Corporation |
|
E31F4F3B2C-155.520M-CL125 Datasheet(HTML) 8 Page - Ecliptek Corporation |
8 / 9 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR E32F4 14 pin DIP 3.3V OS87 01/03 E32F4 Series • LVPECL Output VCXO • 3.3V supply voltage • 14 pin DIP package (5 pin) • Stability to 20ppm • Complementary Output available • Custom lead length H 8.0 L 20.8 W 13.2 OSCILLATOR E32F4 NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ ELECTRICAL SPECIFICATIONS 800-ECLIPTEK www.ecliptek.com for latest revision 108 Specifications subject to change without notice. 19.440MHz to 212.500MHz 0°C to 70°C or -40°C to 85°C -55°C to 125°C 3.3V DC ±5% 75mA Maximum 100KH ±50ppm, ±25ppm, or ±20ppm Maximum V CC-1.025VDC Minimum V CC-1.620VDC Maximum 2 nSeconds Maximum 50 ±10(%) 50 ±5(%) 50 Ohms into V CC-2.0VDC Complementary Output or No Connect 10 mSeconds Maximum 1 pSec Maximum ±50ppm Minimum 20%, 15%, or 10% Maximum 1.65V DC ±1.35VDC 0.0V DC to VCC 1.65V DC Positive Transfer Characteristic 50kOhms Typical 10kHz Minimum Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (V CC) Input Current Logic Type Frequency Tolerance / Stability Output Voltage Logic High (V OH) Output Voltage Logic Low (V OL) Rise Time / Fall Time Duty Cycle Load Drive Capability Additional Output Start Up Time RMS Phase Jitter Absolute Pull Range (APR) Linearity Control Voltage (V C): Test Conditions for APR Control Voltage Range (V CR) Center Control Voltage Transfer Function Input Impedance Modulation Bandwidth Inclusive of Operating Temp Range, Supply Voltage, Load, and Aging @25°C over 10 years 20% to 80% of waveform at 50% of waveform FJ = 12kHz to 20MHz Inclusive of Operating Temp Range, Supply Voltage, Load, and Aging @25°C over 10 years at -3dB with Control Voltage of +1.65V DC OBSOLETE |
Similar Part No. - E31F4F3B2C-155.520M-CL125 |
|
Similar Description - E31F4F3B2C-155.520M-CL125 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |