Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C8125H30 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V53C8125H30
Description  ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C8125H30 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V53C8125H30 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C8125H30 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
V53C8125H Rev. 1.7 August 1998
MOSEL VITELIC
V53C8125H
DC and Operating Characteristics (1-2)
TA = 0°C to 70°C, VCC = 5 V ± 10%, VSS = 0 V, unless otherwise specified.
Symbol
Parameter
Access
Time
V53C8125H
Unit
Test Conditions
Notes
Min.
Typ.
Max.
ILI
Input Leakage Current
(any input pin)
Ò10
10
µAV
SS ≤ VIN ≤ VCC
ILO
Output Leakage Current
(for High-Z State)
Ò10
10
µAV
SS ≤ VOUT ≤ VCC
RAS, CAS at VIH
ICC1
VCC Supply Current,
Operating
30
180
mA
t RC = tRC (min.)
1, 2
35
160
40
150
45
145
50
135
ICC2
VCC Supply Current,
TTL Standby
4
mA
RAS, CAS at VIH,
other inputs
≥ V
SS
ICC3
VCC Supply Current,
RAS-Only Refresh
30
180
mA
t RC = tRC (min.)
2
35
160
40
150
45
145
50
135
ICC4
VCC Supply Current,
Fast Page Mode Operation
30
110
mA
Minimum Cycle
1, 2
35
95
40
90
45
85
50
80
ICC5
VCC Supply Current,
Standby Output Enable
other inputs
≥ V
SS
2
mA
RAS = VIH
CAS = VIL
1
ICC6
VCC Supply Current,
CMOS Standby
1
mA
RAS
≥ V
CC Ò0.2 V,
CAS
≥ V
CC Ò0.2 V,
All other inputs
≥ V
SS
VCC
Supply Voltage
4.5
5.5
V
VIL
Input Low Voltage
Ò1
0.8
V
3
VIH
Input High Voltage
2.4
VCC + 1
V
3
VOL
Output Low Voltage
0.4
V
IOL = 4.2 mA
VOH
Output High Voltage
2.4
2.4
V
IOH = Ò5 mA


Similar Part No. - V53C8125H30

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8126 MOSEL-V53C8126 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H35 MOSEL-V53C8126H35 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H40 MOSEL-V53C8126H40 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H45 MOSEL-V53C8126H45 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C8125H30

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8129H MOSEL-V53C8129H Datasheet
201Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H MOSEL-V53C8256H Datasheet
217Kb / 18P
   ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com