Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161U8AT-55S Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161U8AT-55S
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161U8AT-55S Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6161U8AT-55S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6161U8AT-55S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM610FV16 Series
Low Power, 64Kx16 SRAM
6
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tRC
Address
CS1
CS2
UB,LB
OE
Data Out
tCO
tOH
tBA
tOE
High-Z
tBHZ
tOHZ
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
Data Valid
tOLZ
tBLZ
tLZ
tAA
tHZ
tRC
Address
tAA
Data Valid
tOH
Previous Data Valid
TIMING WAVEFORM OF READ CYCLE(1). (Address Controlled, CS1=OE=V
IL, CS2= WE=V IH, UB or/and LB= VIL)
Data Out
TIMING DIAGRAMS
NOTES (READ CYCLE)
1. tHZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referanced to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.


Similar Part No. - EM6161U8AT-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FP16AS-45LF EMLSI-EM6161FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AS-45LL EMLSI-EM6161FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AS-70LF EMLSI-EM6161FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AS-70LL EMLSI-EM6161FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AW-45LF EMLSI-EM6161FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161U8AT-55S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FV16 EMLSI-EM611FV16 Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com