Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2S35D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TA2S35D
Description  TTL TCXO Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TA2S35D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TA2S35D Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All Dimensions in mm.
TA2S (SMD), TA3S (Thru Hole) Series
TTL TCXO Oscillator
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
Control Voltage (Not present when Control Voltage is specified as “No Connect”
Pin 8:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
11.7
±0.3
7.5
±0.3
18.3 ±0.3
0.067” TYP
1.5
±0.3
8
14
1
7
4.5 ±0.3
4.0 ±0.3
21.3
±0.5
4.0 ±0.3
Frequency
Adjust
PART NUMBERING GUIDE
Revision: 1995-B
TABLE 1
Operating
Temperature
Frequency Stability (±ppm)
* Denotes Availability of Options
Range
1.5ppm
2.0ppm
2.5ppm
3.0ppm
3.5ppm
5.0ppm
Code
15
20
25
30
35
50
0 to 50°C
A
*
*
*
*
*
*
-10 to 60°C
B
*
*
*
*
*
*
-20 to 70°C
C
*
*
*
*
*
*
-30 to 60°C
D
*
*
*
*
*
-30 to 75°C
E
*
*
*
*
*
-35 to 85°C
F
*
*
*
*
-40 to 80°C
G
*
*
*
TA2S 20 C
10.000MHz
Operating Temperature
See Table 1 for Code/Range
Package
TA2S = SMD
TA3S = Thru Hole
Inclusive Stability
See Table 1 for Code/Tolerance
ELECTRICAL SPECIFICATIONS
Environmental/Mechanical Specifications on page F5
Frequency Range
9.600MHz to 35.000MHz
Operating Temperature Range
See Table 1 Above.
Storage Temperature Range
-40°C to 85°C
Supply Voltage
5 VDC ±5%
Load Drive Capability
2TTL Load
Internal Trim (Top of Can)
±3ppm Minimum
Control Voltage (External)
2.5Vdc ±2.0Vdc
Positive Transfer Characteristics
Frequency Deviation
±5ppm Minimum Over Control Voltage
Aging (@ 25°C)
±1ppm / year Maximum
Input Current / Duty Cycle / Rise and Fall Time
30mA Maximum / 50±10% / 10nSeconds Maximum
Output Voltage Logic High (Voh)
w/TTL Load
Output Voltage Logic Low (Vol)
w/TTL Load
0.4Vdc Maximum
Frequency Stability
Vs. Operating Temperature
See Table 1 Above.
Vs. Inpput Voltage (±5%)
±0.3ppm Maximum
Vs. Load (±2pF)
±0.3ppm Maximum
2.4Vdc Minimum
Rise Time / Fall Time
10nSeconds Maximum
8
14
1
7
18.3
±0.5
Frequency
11.7
±0.5
4.0 ±0.3
2.5 ±0.3
4.5
±0.3
5.0 ±0.3
.45 +0.05
/-0 (X4)
1.2 +0/-0.5
7.5
±0.3
15.0 ±0.4
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - TA2S35D

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
TA2S35D CALIBER-TA2S35D Datasheet
75Kb / 1P
   TTL TCXO Oscillator
More results

Similar Description - TA2S35D

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
TA2S CALIBER-TA2S Datasheet
75Kb / 1P
   TTL TCXO Oscillator
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCT53-4 ACT-TCT53-4 Datasheet
727Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
25042016
logo
Jauch Quartz Gmbh
JT32CT JAUCH-JT32CT Datasheet
466Kb / 2P
   Oscillator JT32CT · TCXO
25072022-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com