Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161FU16DS-85LF Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161FU16DS-85LF
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161FU16DS-85LF Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6161FU16DS-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6161FU16DS-85LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EM620FV8AS Series
Low Power, 256Kx8 SRAM
7
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Rev 0.2
t
WR(4)
tWC
Address
CS1
CS2
WE
Data in
Data out
tCW (2)
t
AW
tWP(1)
t
AS(3)
High-Z
tDW
tDH
High-Z
t
OW
t
WHZ
Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
Data Valid
tWC
Address
CS1
CS2
WE
Data in
Data out
tCW(2)
t
WR(4)
t
AW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(2) (CS1 CONTROLLED)
tAS(3)
High-Z
High-Z
Data Valid


Similar Part No. - EM6161FU16DS-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FU32AT-10L EMLSI-EM6161FU32AT-10L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32AT-10S EMLSI-EM6161FU32AT-10S Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32AT-55L EMLSI-EM6161FU32AT-55L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32AT-55S EMLSI-EM6161FU32AT-55S Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32BW-10L EMLSI-EM6161FU32BW-10L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161FU16DS-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com