Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB11NB40 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB11NB40
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NB40 Datasheet(HTML) 9 Page - STMicroelectronics

  STB11NB40 Datasheet HTML 1Page - STMicroelectronics STB11NB40 Datasheet HTML 2Page - STMicroelectronics STB11NB40 Datasheet HTML 3Page - STMicroelectronics STB11NB40 Datasheet HTML 4Page - STMicroelectronics STB11NB40 Datasheet HTML 5Page - STMicroelectronics STB11NB40 Datasheet HTML 6Page - STMicroelectronics STB11NB40 Datasheet HTML 7Page - STMicroelectronics STB11NB40 Datasheet HTML 8Page - STMicroelectronics STB11NB40 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectonics.
© 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
.. .
STB11NB40
9/9


Similar Part No. - STB11NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
logo
VBsemi Electronics Co.,...
STB11NB40 VBSEMI-STB11NB40 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
STB11NB40T4 STMICROELECTRONICS-STB11NB40T4 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
More results

Similar Description - STB11NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
   N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
June 1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com