Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB160NF03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB160NF03L
Description  N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET??POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB160NF03L Datasheet(HTML) 3 Page - STMicroelectronics

  STB160NF03L Datasheet HTML 1Page - STMicroelectronics STB160NF03L Datasheet HTML 2Page - STMicroelectronics STB160NF03L Datasheet HTML 3Page - STMicroelectronics STB160NF03L Datasheet HTML 4Page - STMicroelectronics STB160NF03L Datasheet HTML 5Page - STMicroelectronics STB160NF03L Datasheet HTML 6Page - STMicroelectronics STB160NF03L Datasheet HTML 7Page - STMicroelectronics STB160NF03L Datasheet HTML 8Page - STMicroelectronics STB160NF03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STB160NF03L
Safe Operating Area
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 15V, ID = 80A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
28
ns
tr
Rise Time
285
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 24V, ID = 160A,
VGS = 10V
123
21
40
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD = 15V, ID = 80A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
110
65
ns
ns
td(off)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp =24V, ID =40A
RG =4.7Ω, VGS = 10V
110
35
70
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
160
A
ISDM (1)
Source-drain Current (pulsed)
640
A
VSD (2)
Forward On Voltage
ISD = 160A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 80A, di/dt = 100A/µs,
VDD = 15V, Tj = 25°C
(see test circuit, Figure 5)
80
180
4.5
ns
nC
A
Thermal Impedance


Similar Part No. - STB160NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160NF02L STMICROELECTRONICS-STB160NF02L Datasheet
289Kb / 7P
   N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET??POWER MOSFET
More results

Similar Description - STB160NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV160NF03LA STMICROELECTRONICS-STV160NF03LA Datasheet
531Kb / 8P
   N-CHANNEL 30V - 0.0021OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
   N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET??II POWER MOSFET
May 2002
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
   N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
STB160NF02L STMICROELECTRONICS-STB160NF02L Datasheet
289Kb / 7P
   N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET??POWER MOSFET
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L Datasheet
96Kb / 8P
   N - CHANNEL 30V - 0.0019ohm - 160A PowerSO-10 STripFET MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
   N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com