Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161FU16ES-12LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161FU16ES-12LF
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161FU16ES-12LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6161FU16ES-12LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6161FU16ES-12LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EM620FV8AS Series
Low Power, 256Kx8 SRAM
8
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Rev 0.2
tWC
Address
CS1
CS2
WE
Data in
Data out
t
CW(2)
tWR(4)
tAW
t
WP(1)
t
DW
t
DH
TIMING WAVEFORM OF WRITE CYCLE(3) ( CS2 CONTROLLED)
High-Z
High-Z
Data Valid
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS1, a high CS2 and low WE. A write begins at the latest
transition among CS1 goes low, CS2 goes high and WE goes low. A write ends at the earliest transition
when CS1 goes high, CS2 goes hagh and WE goes high. The tWP is measured from the beginning of write
to the end of write.
2. tCW is measured from the CS1 going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS1 or WE
going high.
tAS(3)


Similar Part No. - EM6161FU16ES-12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FU32AT-10L EMLSI-EM6161FU32AT-10L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32AT-10S EMLSI-EM6161FU32AT-10S Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32AT-55L EMLSI-EM6161FU32AT-55L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32AT-55S EMLSI-EM6161FU32AT-55S Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FU32BW-10L EMLSI-EM6161FU32BW-10L Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161FU16ES-12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com