Electronic Components Datasheet Search |
|
EM711FV16CW-55LL Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc |
|
EM711FV16CW-55LL Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc |
3 / 11 page EM640FP8 Series Low Power, 512Kx8 SRAM 3 merging Memory & Logic Solutions Inc. merging Memory & Logic Solutions Inc. ABSOLUTE MAXIMUM RATINGS * * Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Parameter Symbol Ratings Unit Voltage on Any Pin Relative to Vss VIN, VOUT -0.5V to VCC+0.3V (Max.2.5V) V Voltage on Vcc supply relative to Vss VCC -0.3V to 2.5V V Power Dissipation P D 1.0 W Operating Temperature TA -40 to 85 oC FUNCTIONAL DESCRIPTION Note: X means don’t care. (Must be low or high state) CS 1 CS 2 OE WE I/O Mode Power H X X X High-Z Deselected Stand by X L X X High-Z Deselected Stand by L H H H High-Z Output Disabled Active L H L H Data Out Read Active L H X L Data In Write Active |
Similar Part No. - EM711FV16CW-55LL |
|
Similar Description - EM711FV16CW-55LL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |