Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C16258SLT50 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V53C16258SLT50
Description  HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258SLT50 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V53C16258SLT50 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258SLT50 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
V53C16258L Rev. 1.1 June 1999
MOSEL VITELIC
V53C16258L
AC Characteristics
TA = 0°C to 70°C, VCC = +3.3 V ±0.3V, VSS = 0V unless otherwise noted
AC Test conditions, input pulse levels 0 to 3V
#
Symbol
Parameter
35
40
45
50
Unit Notes
Min. Max. Min. Max. Min. Max. Min. Max.
1
tRAS
RAS Pulse Width
35
75
40
75
45
75K
50
75K
ns
2
tRC
Read or Write Cycle Time
70
75
80
90
ns
3
tRP
RAS Precharge Time
25
25
25
30
ns
4
tCSH
CAS Hold Time
35
40
45
50
ns
5
tCAS
CAS Pulse Width
6
7
8
9
ns
6
tRCD
RAS to CAS Delay
13
24
17
28
18
32
19
36
ns
7
tRCS
Read Command Setup Time
0
0
0
0
ns
4
8
tASR
Row Address Setup Time
0
0
0
0
ns
9
tRAH
Row Address Hold Time
6
7
8
9
ns
10
tASC
Column Address Setup Time
0
0
0
0
ns
11
tCAH
Column Address Hold Time
5
5
5
6
7
ns
12
tRSH (R)
RAS Hold Time (Read Cycle)
10
10
10
10
10
ns
13
tCRP
CAS to RAS Precharge Time
5
5
5
5
ns
14
tRCH
Read Command Hold Time Referenced
to CAS
0
0
0
0
ns
5
15
tRRH
Read Command Hold Time Referenced
to RAS
0
0
0
0
ns
5
16
tROH
RAS Hold Time Referenced to OE
7
8
9
10
ns
17
tOAC
Access Time from OE
11
12
13
14
ns
12
18
tCAC
Access Time from CAS
11
12
13
14
ns
6, 7, 14
19
tRAC
Access Time from RAS
35
40
45
50
ns
6, 8, 9
20
tCAA
Access Time from Column Address
18
20
22
24
ns
6, 7, 10
21
tLZ
OE or CAS to Low-Z Output
0
0
0
0
ns
16
22
tHZ
OE or CAS to High-Z Output
0
6
0
6
0
7
0
8
ns
16
23
tAR
Column Address Hold Time from RAS
25
30
35
40
ns
24
tRAD
RAS to Column Address Delay Time
10
20
12
20
13
23
14
26
ns
11
25
tRSH (W)
RAS or CAS Hold Time in Write Cycle
10
10
10
10
ns
26
tCWL
Write Command to CAS Lead Time
8
12
13
14
ns
27
tWCS
Write Command Setup Time
0
0
0
0
ns
12, 13
28
tWCH
Write Command Hold Time
5
5
6
7
ns
29
tWP
Write Pulse Width
5
5
6
7
ns
30
tWCR
Write Command Hold Time from RAS
25
30
35
40
ns
31
tRWL
Write Command to RAS Lead Time
10
12
13
14
ns
32
tDS
Data in Setup Time
0
0
0
0
ns
14


Similar Part No. - V53C16258SLT50

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C16258SHK25 MOSEL-V53C16258SHK25 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK30 MOSEL-V53C16258SHK30 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK35 MOSEL-V53C16258SHK35 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK40 MOSEL-V53C16258SHK40 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258SLT50

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
   HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com