Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM711FV32CW-55LL Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM711FV32CW-55LL
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM711FV32CW-55LL Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM711FV32CW-55LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM711FV32CW-55LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM640FP8 Series
Low Power, 512Kx8 SRAM
4
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
µA
Output leakage current
ILO
CS1=VIH, CS2=V IL or OE=V IH or WE=V IL, V IO=VSS to VCC
-1
-
1
µA
Operating power supply
ICC
IIO=0mA, CS 1=VIL, CS 2= WE=VIH, VIN=V IH or V IL
-
-
2
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, I
IO =0mA,
CS 1<0.2V, CS2>V CC-0.2V,
VIN<0.2V or VIN>VCC-0.2V
-
-
2
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS 1=VIL, CS 2=V IH, VIN=VIL or VIH
70ns
-
-
12
mA
Output low voltage
VOL
IOL = 0.1mA
-
-
0.2
V
Output high voltage
VOH
IOH = -0.1mA
1.4
-
-
V
Standby Current (CMOS)
ISB1
CS1>VCC -0.2V, CS 2>VCC-0.2V (CS1 controlled)
or 0V< CS2<0.2V (CS 2 controlled),
Other inputs=0 ~ VCC
(Typ. condition : VCC=1.8V @ 25
oC)
(Max. condition : VCC =2.2V @ 85
oC)
LL
LF
-
1
5
µA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.65
1.8
2.2
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
1.4
-
VCC + 0.3
2)
V
Input low voltage
V
IL
-0.33)
-
0.4
V
CAPACITANCE1) (f =1MHz, TA=25
oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
C
IN
V
IN=0V
-
8
pF
Input/Ouput capacitance
C
IO
V
IO =0V
-
10
pF


Similar Part No. - EM711FV32CW-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM711FV16BW-12L EMLSI-EM711FV16BW-12L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM711FV16BW-12S EMLSI-EM711FV16BW-12S Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM711FV16BW-85L EMLSI-EM711FV16BW-85L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM711FV16BW-85S EMLSI-EM711FV16BW-85S Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM711FV16CW-12L EMLSI-EM711FV16CW-12L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM711FV32CW-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com