Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161FV8AW12LF Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161FV8AW12LF
Description  256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161FV8AW12LF Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6161FV8AW12LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6161FV8AW12LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EM640FU16E Series
Low Power, 256Kx16 SRAM
7
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
t
WR(4)
tWC
Address
CS1
CS2
UB ,LB
WE
Data in
Data out
tCW (2)
t
AW
t
BW
tWP(1)
t
AS(3)
High-Z
tDW
tDH
High-Z
t
OW
t
WHZ
Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
Data Valid
tWC
Address
CS1
CS2
UB,LB
WE
Data in
Data out
tCW(2)
t
WR(4)
t
AW
t
BW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(2) (CS1 CONTROLLED)
tAS(3)
High-Z
High-Z
Data Valid


Similar Part No. - EM6161FV8AW12LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FV8AW-12LF EMLSI-EM6161FV8AW-12LF Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6161FV8AW-12S EMLSI-EM6161FV8AW-12S Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6161FV8AW-70LF EMLSI-EM6161FV8AW-70LF Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM6161FV8AW-70S EMLSI-EM6161FV8AW-70S Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161FV8AW12LF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com