Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7160FR8AW-70LF Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM7160FR8AW-70LF
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7160FR8AW-70LF Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7160FR8AW-70LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7160FR8AW-70LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM681FU16 Series
Low Power, 512Kx16 SRAM
6
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tRC
Address
CS
UB ,LB
OE
Data Out
tCO
tOH
tBA
tOE
High-Z
tBHZ
tOHZ
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
Data Valid
tOLZ
tBLZ
tLZ
tAA
tHZ
tRC
Address
tAA
Data Valid
tOH
Previous Data Valid
TIMING WAVEFORM OF READ CYCLE(1). (Address Controlled, CS=OE=V
IL, WE=V IH, UB or/andLB= VIL)
Data Out
TIMING DIAGRAMS
NOTES (READ CYCLE)
1. tHZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referanced to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.


Similar Part No. - EM7160FR8AW-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7160FR8DS-12LF EMLSI-EM7160FR8DS-12LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FR8DS-12LL EMLSI-EM7160FR8DS-12LL Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FR8DS-85LF EMLSI-EM7160FR8DS-85LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FR8DS-85LL EMLSI-EM7160FR8DS-85LL Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160FR8DT-12LF EMLSI-EM7160FR8DT-12LF Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7160FR8AW-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM681FV16AU ETC2-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com