Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM716AFU16AW-85S Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EM716AFU16AW-85S
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM716AFU16AW-85S Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EM716AFU16AW-85S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM716AFU16AW-85S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EM640FP16 Series
Low Power, 256Kx16 SRAM
11
EM X XX X X X XX X X - XX XX
MEMORY FUNCTION GUIDE
1. EMLSI Memory
2. Device Type
3. Density
5. Technology
6. Operating Voltage
8. Version
9. Packages
10. Speed
7. Orgainzation
1. Memory Component
2. Device Type
6 ------------------------ Low Power SRAM
7 ------------------------ Pseudo SRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
16 ----------------------- 16M
32 ----------------------- 32M
64 ----------------------- 64M
4. Option
0 ----------------------- Dual CS
1 ----------------------- Single CS
5. Technology
Blank ------------------ CMOS
F ------------------------ Full CMOS
6. Operating Voltage
Blank ------------------- 5V
V ------------------------- 3.3V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
7. Orginzation
8 ---------------------- x8 bit
16 ---------------------- x16 bit
32 ---------------------- x32 bit
8. Version
Blank ----------------- Mother die
A ----------------------- First version
B ----------------------- Second version
C ----------------------- Third version
D ----------------------- Fourth version
E ----------------------- Fifth version
9. Package
Blank ---------------------- Package
W --------------------- Wafer
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
10 --------------------- 100ns
12 --------------------- 120ns
11. Power
LL ------------ Low Low Power
LF ------------ Low Low Power(Pb-Free & Green)
L ------------- Low Power
S ------------- Standard Power
4. Option
11. Power


Similar Part No. - EM716AFU16AW-85S

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM716AFU16AW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com