Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFD30N06 Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part # SFD30N06
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFD30N06 Datasheet(HTML) 3 Page - SemiWell Semiconductor

  SFD30N06 Datasheet HTML 1Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 2Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 3Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 4Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 5Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 6Page - SemiWell Semiconductor SFD30N06 Datasheet HTML 7Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.40.6
0.81.0
1.21.4
1.6
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD[V], Source-Drain voltage
2
468
10
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 25V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
Bottom :
5.0 V
Notes :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 30V
V
DS = 48V
Note : I
D = 30.0 A
Q
g, Total Gate Charge [nC]
0
20
40
60
80
100
120
140
0
20
40
60
80
100
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
3/7
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
SFD30N06
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
0
5
10
15
20
25
30
35
0
500
1000
1500
2000
C
rss
C
oss
C
iss
Notes :
1. V
GS = 0V
2. f=1MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS, Drain-Source Voltage [V]


Similar Part No. - SFD30N06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFD30N06 ETC-SFD30N06 Datasheet
1,013Kb / 7P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFD30N06 VBSEMI-SFD30N06 Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SFD30N06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com