Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB3NC90Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB3NC90Z
Description  N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?줚II MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3NC90Z Datasheet(HTML) 4 Page - STMicroelectronics

  STB3NC90Z Datasheet HTML 1Page - STMicroelectronics STB3NC90Z Datasheet HTML 2Page - STMicroelectronics STB3NC90Z Datasheet HTML 3Page - STMicroelectronics STB3NC90Z Datasheet HTML 4Page - STMicroelectronics STB3NC90Z Datasheet HTML 5Page - STMicroelectronics STB3NC90Z Datasheet HTML 6Page - STMicroelectronics STB3NC90Z Datasheet HTML 7Page - STMicroelectronics STB3NC90Z Datasheet HTML 8Page - STMicroelectronics STB3NC90Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STB3NC90Z
4/9
Safe Operating Area
Thermal Impedance
Output Characteristics
Transfer Characteristics
Static Drain-source On Resistance
Transconductance


Similar Part No. - STB3NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC90Z-1 STMICROELECTRONICS-STB3NC90Z-1 Datasheet
335Kb / 11P
   N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?줚II MOSFET
More results

Similar Description - STB3NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
   N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
   N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STP6NC90Z STMICROELECTRONICS-STP6NC90Z Datasheet
532Kb / 13P
   N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
July 2002
STP5NC90Z STMICROELECTRONICS-STP5NC90Z Datasheet
516Kb / 13P
   N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
   N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com