Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7163FU16AS-45L Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM7163FU16AS-45L
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7163FU16AS-45L Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7163FU16AS-45L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7163FU16AS-45L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EM641FV8FT Series
Low Power, 512Kx8 SRAM
7
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tWR(4)
tWC
Address
CS
WE
Data in
Data out
tCW (2)
tAW
tWP(1)
t
AS(3)
High-Z
tDW
tDH
High-Z
t
OW
t
WHZ
Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
Data Valid
tWC
Address
CS
WE
Data in
Data out
tCW(2)
t
WR(4)
t
AW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(2) (CS CONTROLLED)
tAS(3)
High-Z
High-Z
Data Valid
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins at the latest transition among CS goes low and
WE goes low. A write ends at the earliest transition when CS goes high and WE goes high. The tWP is measured from the
beginning of write to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS or WE going high.


Similar Part No. - EM7163FU16AS-45L

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7163FU16AS-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com