Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPP2D22K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WPP2D22K-F
Description  Axial Leaded High Frequency Pulse Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WPP2D22K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WPP2D22K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers WPP2D22K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type WPP Film/Foil Polypropylene Capacitors
Type WPP axial-leaded, polypropylene film/foil
capacitors incorporate non-inductive extended foil
construction with epoxy end seals.
Type WPP is
rated for continuous-duty operation over the temper-
ature range of –55 ºC to 105 ºC without voltage derat-
ing. Low ESR, low dissipation factor and the inherent
stability make Type WPP ideal for tight tolerance, pulse
and high frequency applications
Axial Leaded High Frequency Pulse Capacitors
Highlights
High pulse rating
High frequency operation
Low ESR
Low DF
Precise values
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
Life Test:
Pulse Capability:
.001 to 5.0 µF
100 to 1000 Vdc (70 to 250 Vac, 60 Hz)
±10% (K) Standard, ±5% (J) Special Order
–55 to 105 ºC
160% rated voltage for 1 minute
0.1% Max @ 25 ºC, 1 kHz
100,000 MΩ x µF
200,000 MΩ Min.
500 h @ 85 ºC at 125% rated voltage
Outline Drawing
Pulse Capability
Rated
Body Length
Voltage
0.625 .750-.875 .937-1.125 1.250-1.312 1.375-1.562 ≥1.750
dv/dt – volts per microsecond, maximum
100
4200
4000
2900
1900
1600
1100
200
6900
4100
3000
2400
2000
1400
400
19500
10000
3900
2600
2200
600
60000
20000
12000
6700
3000
1000
37000
15000
9200
7400
3400
Ratings
Note: Other capacitances values, sizes and performance specifications
are available. Contact CDE.
RoHS Compliant
Cap
Catalog
D
L
d
(µF) Part Number Inches (mm) Inches (mm) Inches (mm)
100 Vdc (70 Vac)
0.0010 WPP1D1K–F 0.220 (5.6) 0.625 (15.9) 0.020 (0.5)
0.0015 WPP1D15K–F 0.220 (5.6) 0.625 (15.9) 0.020 (0.5)
0.0022 WPP1D22K–F 0.220 (5.6) 0.625 (15.9) 0.020 (0.5)
0.0033 WPP1D33K–F 0.228 (5.8) 0.625 (15.9) 0.020 (0.5)
0.0047 WPP1D47K–F 0.240 (6.1) 0.625 (15.9) 0.020 (0.5)
0.0068 WPP1D68K–F 0.250 (6.3) 0.625 (15.9) 0.020 (0.5)
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
100 Vdc (70 Vac)
0.0100 WPP1S1K–F 0.250 (6.3) 0.625 (15.9) 0.020 (0.5)
0.0150 WPP1S15K–F 0.250 (6.3) 0.625 (15.9) 0.020 (0.5)
0.0220 WPP1S22K–F 0.270 (6.9) 0.625 (15.9) 0.020 (0.5)
0.0330 WPP1S33K–F 0.319 (8.1) 0.625 (15.9) 0.024 (0.6)
0.0470 WPP1S47K–F 0.298 (7.6) 0.875 (22.2) 0.024 (0.6)
0.0680 WPP1S68K–F 0.350 (8.9) 0.875 (22.2) 0.024 (0.6)


Similar Part No. - WPP2D22K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WPP2D22K-F CDE-WPP2D22K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
More results

Similar Description - WPP2D22K-F

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1292 RENCO-RL-1292 Datasheet
1Mb / 3P
   AXIAL LEADED HIGH FREQUENCY INDUCTOR
RL-1293 RENCO-RL-1293 Datasheet
1Mb / 3P
   AXIAL LEADED HIGH FREQUENCY INDUCTOR
RL-1294 RENCO-RL-1294 Datasheet
1Mb / 3P
   AXIAL LEADED HIGH FREQUENCY INDUCTOR
RL-1295 RENCO-RL-1295 Datasheet
1Mb / 3P
   AXIAL LEADED HIGH FREQUENCY INDUCTOR
logo
Kemet Corporation
R76ID1680SE30K KEMET-R76ID1680SE30K Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com