Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1K Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # HS1K
Description  High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HS1K Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  HS1K Datasheet HTML 1Page - GOOD-ARK Electronics HS1K Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
162
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R


Similar Part No. - HS1K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1K TSC-HS1K Datasheet
66Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
logo
First Silicon Co., Ltd
HS1K FS-HS1K Datasheet
193Kb / 2P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
logo
Taiwan Semiconductor Co...
HS1K TSC-HS1K Datasheet
133Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
logo
RFE international
HS1K RFE-HS1K Datasheet
2Mb / 3P
   Surface Mount High Efficiency Rectifier HS1A Through HS1M
07-21-2020
logo
Taiwan Semiconductor Co...
HS1K TSC-HS1K Datasheet
471Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
More results

Similar Description - HS1K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HS1A GOOD-ARK-HS1A_15 Datasheet
192Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER1001 GOOD-ARK-HER1001_15 Datasheet
144Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1H1 GOOD-ARK-1H1 Datasheet
192Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1H1 GOOD-ARK-1H1_15 Datasheet
192Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER101 GOOD-ARK-HER101_15 Datasheet
189Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER1001G GOOD-ARK-HER1001G Datasheet
153Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER1001G GOOD-ARK-HER1001G_15 Datasheet
154Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
UF4001 GOOD-ARK-UF4001 Datasheet
156Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER101G GOOD-ARK-HER101G_15 Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1H1G GOOD-ARK-1H1G_15 Datasheet
186Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com