Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF46 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SF46
Description  Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SF46 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SF46 Datasheet HTML 1Page - GOOD-ARK Electronics SF46 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Measured with I
F=0.5A,IR=1.0A,IRR=0.25A.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal Resistance Junction to Ambient.
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
249
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Glass passivated chip
Super fast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
Plastic material has UL flammability classification 94V-0
Case: JEDEC DO-201AD molded plastic
Polarity: Color band denotes cathode
Weight: 0.04 ounce, 1.1 grams
Mounting position: Any
9
4
F
S
u
r
h
t
1
4
F
S
s
r
e
i
f
i
t
c
e
R
t
s
a
F
r
e
p
u
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
s
e
r
e
p
m
A
0
.
4
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S1
4
F
S2
4
F
S3
4
F
S4
4
F
S5
4
F
S6
4
F
S7
4
F
S8
4
F
S9
4
F
Ss
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
5
10
0
20
0
30
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
75
0
10
4
10
1
20
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
5
10
0
20
0
30
0
40
0
60
0
80
0
0
1s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
rT
@
A
5
5
=
oC
I
)
V
A
(
0
.
4s
p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
5
1s
p
m
A
C
D
A
0
.
4
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
f
m
u
m
i
x
a
MV
F
5
9
.
05
2
.
13
.
17
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
J
5
2
=
oC
T
@
J
0
0
1
=
oC
I
R
0
.
5
0
0
1
uA
uA
)
1
e
t
o
N
(
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
Mt
r
r
5
30
40
5
nS
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
0
80
6
pF
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
5
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC


Similar Part No. - SF46

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF46 MOSPEC-SF46 Datasheet
127Kb / 2P
   POWER RECTIFIERS(4.0A,50-400V)
logo
Leshan Radio Company
SF46 LRC-SF46 Datasheet
206Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
HY ELECTRONIC CORP.
SF46 HY-SF46 Datasheet
412Kb / 3P
   Super Fast Recovery Recitifiers
logo
SIPAT Co,Ltd
SF463B SIPAT-SF463B Datasheet
556Kb / 7P
   CDMA 450 Low Loss TX Filter
SF463C SIPAT-SF463C Datasheet
431Kb / 6P
   CDMA 450 High Rejection RX Filter
More results

Similar Description - SF46

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF41 GOOD-ARK-SF41_15 Datasheet
173Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
SF31 GOOD-ARK-SF31_15 Datasheet
195Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
SF21 GOOD-ARK-SF21_15 Datasheet
190Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
SF51 GOOD-ARK-SF51_15 Datasheet
156Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
GBL005 GOOD-ARK-GBL005_15 Datasheet
180Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
GBL005 GOOD-ARK-GBL005 Datasheet
179Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
GBU4A GOOD-ARK-GBU4A Datasheet
186Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
KBJ4AV GOOD-ARK-KBJ4AV_15 Datasheet
167Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
GBU4A GOOD-ARK-GBU4A_15 Datasheet
187Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
KBJ4A GOOD-ARK-KBJ4A_15 Datasheet
166Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com