Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP216MGAW Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EMP216MGAW
Description  2Mx16 Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP216MGAW Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EMP216MGAW Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EMP216MGAW Series
2Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
2Mb x16 Pseudo Static RAM Specification
GENERAL DESCRIPTION
The EMP216MGAW series is 33,554,432 bits of Pseudo SRAM which uses DRAM type memory cells, but
this device has refresh-free operation and extreme low power consumption technology. Furthermore the
interface is compatible to a low power Asynchronous type SRAM. The EMP216MGAW is organized as
2,097,152 Words x 16 bit.
FEATURES
- Organization :2M x16
- Power Supply Voltage : 2.7 ~ 3.3V
- Separated I/O power(VccQ) & Core power(Vcc)
- Three state outputs
- Byte read/write control by UB# / LB#
- Support Page Read/Write operation with 16 words
- Support Direct Deep Power Down control by ZZ# and Auto-TCSR for power saving
PRODUCT FAMILY
Part Number
Operating Temp.
Power Supply
Speed
(tRC)
Power Dissipation
Standby
(ISB1, Max.)
Operating
(ICC2, Max.)
EMP216MGAW-70E
-25oC to 85oC
2.7V to 3.3V
70ns
100uA
25mA
FUNCTION BLOCK DIAGRAM
COLUMN SELECT
I/O CIRCUIT
Memory Array
2M X 16
Self-Refresh
CONTROL
CONTROL
LOGIC
ADDRESS
DECODER
Din/Dout BUFFER
DQ0~
DQ15
A0~A20
ZZ#
CS#
UB#
LB#
WE#
OE#


Similar Part No. - EMP216MGAW

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MGAF-70E EMLSI-EMP216MGAF-70E Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
More results

Similar Description - EMP216MGAW

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
   2Mx16 Pseudo Static RAM
EMP216MEAW EMLSI-EMP216MEAW Datasheet
163Kb / 14P
   2Mx16 Pseudo Static RAM
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
   1Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com