Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7162SP16AW-55L Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM7162SP16AW-55L
Description  1M x 16Bit Multiplexed Single Transistor RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7162SP16AW-55L Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7162SP16AW-55L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-55L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM7162SP16AW Series
1Mx16 Multiplexed STRAM
9
TIMING WAVEFORM OF POWER UP
Power Up Mode
VCC
CS
200us
VCC(Min.)
Normal Operation
NOTE . ( POWER UP )
1. After Vcc reaches Vcc(Min.) , wait 200us with CS high. Then you get into the normal operation.
Configuration Register Setting Table
Bit Number
Definition
Remark
15 ~ 8
Do not use in normal mode
7 ~ 4
Reserved for future use
3 ~ 2
Reduced Memory Size
Bit 3 Bit 2
Memory Size
Using Addresses
0
0
Full Array(Default)
ADQ0~15 , A16~A19
0
1
1/2 Array
ADQ0~15 , A16~A18
1
0
1/4 Array
ADQ0~15 , A16~A17
1
1
1/8 Array
ADQ0~15 , A16
1 ~ 0
Temperature
Bit 1 Bit 0
Temperature Range
0
0
Auto TCSR
RMS (Reduced Memory Size)
The 16M STRAM can be operated as a 2M, 4M, 8M or 16M device. The mode is set according to configuration register
access timings, and the array size is set by configuration register bit 2 and 3. While operating in the RMS mode, the
unselected memory array may not be used.
TCSR (Temperature Cotrolled Self Refresh)
The 16M STRAM can be operated with temperature controlled self-refresh. The device internal self-refresh period is
controlled according as temperature change automatically.


Similar Part No. - EM7162SP16AW-55L

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7162SP16AW-55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Emerging Memory & Logic...
EM7164SU16W EMLSI-EM7164SU16W Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com