Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP216MEAF-70E Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EMP216MEAF-70E
Description  2Mx16 Pseudo Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP216MEAF-70E Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EMP216MEAF-70E Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMP216MEAF-70E Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EMP216MEAF Series
2Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
LOW POWER MODES
Mode Register Set
DPD Enable / Disable
Array Mode Selection
Array Half Selection (Top/Down)
Array Refresh Area Selection
A20 ~ A5
A4
A3
A2
A1
A0
All 0
(Reserved for
future)
DPD
Enable/Disable
Array Mode
Selection
Array Half
Selection
Array Refresh Area Selection
A4
Type
A3
Type
0
Deep Power Down Enable
0
Partial Array Refresh Mode (Default)
1
DPD Disable (Default)
1
Reduced Memory Size Mode
A2
Type
A1
A0
Type
0
Bottom (Default)
0
0
Full Array (Default)
1
Top
0
1
RFU (Reserved for future)
1
0
1/2 Array
1
1
1/4 Array
NOTES
1. The Partial Array Refresh and Deep Power Down mode is issued only during ZZ# low state.
2. The RMS (Reduced Memory Size) mode is enabled after ZZ# goes high and remains enabled after ZZ# goes high. To
change to a different mode, the mode register will have to be re-written.
3. If register is written to enable the Deep Power Down, the part will go into Deep Power Down during the following time that
ZZ# is driven low and there is no MRS update. When ZZ# is driven high, all of the register settings will return to dafault state
for the part (i.e. full array refresh, Deep Power Down disabled.)
tWR
tWC
Address
CS#
LB#,UB#
WE#
ZZ#
tCW
tAW
tBW
tWP
tAS
Mode Register Set UpdateTiming Diagram
NOTES
The register update takes place after over the tZZWE maximum time of 1us. Once the register is updated the next time ZZ#
goes low, without any updates to the register starting within the tZZWE maximum time of 1us, the part will refresh the array
selected. The data bus is a don’t care when ZZ# is low during the register updates.
tZZWE
Register write start
Register write complete
Register update complete


Similar Part No. - EMP216MEAF-70E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MEAW EMLSI-EMP216MEAW Datasheet
163Kb / 14P
   2Mx16 Pseudo Static RAM
EMP216MEAW-70E EMLSI-EMP216MEAW-70E Datasheet
163Kb / 14P
   2Mx16 Pseudo Static RAM
More results

Similar Description - EMP216MEAF-70E

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
   2Mx16 Pseudo Static RAM
EMP216MGAW EMLSI-EMP216MGAW Datasheet
468Kb / 12P
   2Mx16 Pseudo Static RAM
EMP216MEAW EMLSI-EMP216MEAW Datasheet
163Kb / 14P
   2Mx16 Pseudo Static RAM
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
   1Mx16 Pseudo Static RAM
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
   1Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com