Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160104J100C-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 160104J100C-F
Description  Metallized Polyester Radial Lead Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

160104J100C-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  160104J100C-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 160104J100C-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 160104J100C-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 160104J100C-F Datasheet HTML 4Page - List of Unclassifed Manufacturers 160104J100C-F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 160 Metallized Polyester Radial Lead Capacitors
Radial Box Metallized Polyester Capacitors
Specifications
The Type 160 series radial lead metallized polyester box
capacitors are constructed in rugged rectangular plastic
cases with lead spacings that are standard in the electron-
ics industry. All Type 160 capacitors are available in
bulk with a .217” ±.039” lead length, and they are good
for general purpose applications such as bypass, decou-
pling, energy storage/discharge and arc suppression.
Highlights
RoHS compliant
Rugged plastic case
Case and epoxy fill meets UL94V0
10 mm through 27.5 mm lead spacings
Non-inductively wound
Non-polar
Wire lead material, tinned copper clad steel
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
Total Self Inductance (L):
Long Term Stability (after two years):
Corona (Partial Discharge Inception Voltage):
Maximum Pulse Rise Time (dv/dt):
0.0022 µF to 10.0 µF
63 Vdc to 1000 Vdc (40 Vac - 250 Vac 50/60 Hz)
±5%, ±10%, ±20%
–55 ºC to +125 ºC (with 50% Vdc derating >85 ºC)
1.6 x rated voltage for 2 sec @ +25 ºC ±5 ºC
tanδ x 10–4 at 25 ºC ±5 ºC
kHz
C ≤1 µF C >1 µF
1
100
100
10
150
Pitch (mm)
10
15
22.5
27.5
L (nH) ≈
9
10
18
18
Capacitance change ∆C/C ≤ ±3% under stan-
dard environmental conditions
200 Vac for 100 Vdc, 200 Vdc
250 Vac for 400 Vdc, 630 Vdc
300 Vac for 1000 Vdc
Pitch (mm)
Vn
10
15
22.5
27.5
63
100/160
250
400
630
1000
3
6/8
11
20
30
60
1.5
3
7
10
15
25
1
2
4
5.5
8
15
1
1
3
5
7
10
If the working voltage (V) is less than the nominal voltage
(Vn), the capacitor can work at higher dv/dt. In this case, the
maximum value allowed is obtained by multiplying the above
value with the ratio Vn/V.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 160104J100C-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160104J100C-F CDE-160104J100C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
More results

Similar Description - 160104J100C-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
168104J50A-F CDE-168104J50A-F Datasheet
584Kb / 4P
   Type 168/185 Metallized Polyester Radial Lead Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Cornell Dubilier Electr...
167683J63A-F CDE-167683J63A-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com