Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E632K4D1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72E632K4D1
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E632K4D1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72E632K4D1 Datasheet HTML 6Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 7Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 8Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 9Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 10Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 11Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 12Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 13Page - STMicroelectronics ST72E632K4D1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
ST7263
10/109
1.4 REGISTER & MEMORY MAP
As shown in Figure 5, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 192
bytes of register location, up to 512 bytes of RAM
and up to 16K bytes of user program memory. The
RAM space includes up to 64 bytes for the stack
from 0100h to 013Fh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT:
Memory
locations
noted
“Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device
Figure 5. Memory Map
* Program memory and RAM sizes are product dependent (see Table 1 Device Summary)
Table 3. Interrupt Vector Map
* If the peripheral is present on the device (see Table 1 Device Summary)
Vector Address
Description
Masked by
Remarks
Exit from Halt Mode
FFF0-FFF1h
FFF2-FFF3h
FFF4-FFF5h
FFF6-FFF7h
FFF8-FFF9h
FFFA-FFFBh
FFFC-FFFDh
FFFE-FFFFh
USB Interrupt Vector
SCI Interrupt Vector*
I2C Interrupt Vector*
TIMER Interrupt Vector
IT1 to IT8 Interrupt Vector
USB End Suspend Mode Interrupt Vector
TRAP (software) Interrupt Vector
RESET Vector
I- bit
I- bit
I- bit
I- bit
I- bit
I- bit
none
none
Internal Interrupt
Internal Interrupt
Internal Interrupt
Internal Interrupt
External Interrupts
Internal Interrupt
CPU Interrupt
No
No
No
No
Yes
Yes
No
Yes
0000h
Interrupt & Reset Vectors
HW Registers
0040h
003Fh
(see
Table
4
FFEFh
FFF0h
FFFFh
(see Table 3 on page 10)
C000h
BFFFh
F000h
Program Memory*
512 Bytes RAM*
8K Bytes
4K Bytes
E000h
Short Addressing
Stack (64 Bytes)
0100h
0040h
00FFh
013Fh
Reserved
0240h
023Fh
RAM (192 Bytes)
16K Bytes
256 Bytes RAM*
Short Addressing
Stack (64 Bytes)
0100h
0140h
023Fh
0040h
00FFh
013Fh
16-bit Addressing RAM
RAM (192 Bytes)
(256 Bytes)


Similar Part No. - ST72E632K4D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72E671 STMICROELECTRONICS-ST72E671 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
More results

Similar Description - ST72E632K4D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
   Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
   8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com