Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAX277K06014 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TAX277K06014
Description  Commercial Types TAT for CLR79 and TAX for CLR81
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TAX277K06014 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TAX277K06014 Datasheet HTML 1Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 2Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 3Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAX277K06014 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Dimensions
Uninsulated Uninsulated
Insulated
Insulated
E
D
L
D
L
C
A
Lead Length
Typical
Weight
+ .031, -.016
(+.79, -.41)
1
T1
.201(5.10)
.475(12.06)
.232(5.89)
.640(16.26)
.756(19.20)
.025 (.64)
1.50(38.10)
2
2
T2
.289(7.34)
.632(16.05)
.314(7.98)
.800(20.32)
.913(23.19)
.025 (.64)
2.25 (57.15)
5
3
T3
.387(9.83)
.747(18.97)
.418(10.62)
.900(22.86)
1.028(26.11)
.025 (.64)
2.25 (57.15)
8
4
T4
.387(9.83)
1.047(26.59)
.418(10.62)
1.200(30.48)
1.328(33.73)
.025 (.64)
2.25 (57.15)
15
Inches (mm)
CASE
± .016(.41)
CDE Size
±.250(±.6.35)
(gram s)
Maxim um
Maxim um
Maxim um
Lead dia.(Nom )
Part Markings
Part Number Nomenclature and Ordering
(Commercial Parts)
TAT
106
M
025
1
2
(1)
(2)
(3)
(4)
(5)
(6)
(1) Series: TAT (M39006/22), TAX (M39006/25)
(2) Cap code: Expressed in Picofarads (1st two digits significant figures, 3rd digit number of zeros.)
(3) Tolerance: M = ±20%, K= ±10%, J= ±5%
(4) Voltage
(5) Sleeve: 0= No sleeve, 1= Polyester, 2= Polyimide
(6) Case code: 1= T1, 2=T2, 3=T3, 4=T4
(MIL Spec Parts)
Indicate the prefix M39006/22 followed by the appropriate MIL dash number. An example for a M39006/22 in a 100 µF,
±20% tolerance, 30 volts, M level, order as a M39006/22H0113.
Note: Parts without sleeves will not meet the MIL requirements for marking permanency (resistance to solvents).
TAT ±20%
20 µF
125Vdc
00853
Cage Number
0335875
Lot Code
COMMERCIAL PARTS
+ Indicates polarity
Voltage
Capacitance
Series/Cap tol
Date Code by year week,
M39006
Series
22HXXXX
J 000853
100 µF
Capacitance
30 Vdc
Voltage
0335
Date Code
875
Lot Code
MIL PARTS
(Expressed by year–week)
+ Indicates polarity
Jan/Cage Number
Dash Number


Similar Description - TAX277K06014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com