Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO10G48-6S Datasheet(PDF) 8 Page - Astec America, Inc

Part # AEO10G48-6S
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO10G48-6S Datasheet(HTML) 8 Page - Astec America, Inc

Back Button AEO10G48-6S Datasheet HTML 4Page - Astec America, Inc AEO10G48-6S Datasheet HTML 5Page - Astec America, Inc AEO10G48-6S Datasheet HTML 6Page - Astec America, Inc AEO10G48-6S Datasheet HTML 7Page - Astec America, Inc AEO10G48-6S Datasheet HTML 8Page - Astec America, Inc AEO10G48-6S Datasheet HTML 9Page - Astec America, Inc AEO10G48-6S Datasheet HTML 10Page - Astec America, Inc AEO10G48-6S Datasheet HTML 11Page - Astec America, Inc AEO10G48-6S Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 8 OF 30
JUNE 24, 2005 - REVISION B
Basic Operation and Features (continued)
OUTPUT OVER VOLTAGE PROTECTION (OVP)
The Over Voltage Protection circuit is non-latching - auto recovery mode. The output of the converter is terminated under an OVP
fault condition (Vo > OVP threshold). The converter will attempt to restart until the fault is removed. There is a 100ms lockout
period between restart attempts.
OVER CURRENT PROTECTION (OCP)
The Over Current Protection is non-latching - auto recovery mode. The converter shuts down once the output current reaches the
OCP range. The converter will attempt to restart until the fault is removed. There is a 100ms lockout period between restart
attempts.
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the average PCB temperature (See Figure 90B for OTP
reference sense point) reaches the OTP range. This feature prevents the unit from overheating and consequently going into thermal
runaway, which may further damage the converter and the end system. Such overheating may be an effect of operation outside the
given power thermal derating conditions. Restart is possible once the temperature of the sensed location drops to less than 110
°C.
REMOTE SENSE
The remote sense pins can be used to compensate for any voltage drops (per indicated max limits) that may occur along the
connection between the output pins to the load. Pin 7 (+Sense) and Pin 5 (-Sense) should be connected to Pin 8 (+Vout) and Pin 4
(Return) respectively at the point where regulation is desired. The combination of remote sense and trim adjust cannot exceed
110% of VO. When output voltage is trimmed up (through remote sensing and/or trim pin), output current must be derated and
maximum output power must not be exceeded.


Similar Part No. - AEO10G48-6S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO10G48-6 EMERSON-NETWORKPOWER-AEO10G48-6 Datasheet
1Mb / 4P
   66/120 Watts
AEO10G48-6L EMERSON-NETWORKPOWER-AEO10G48-6L Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - AEO10G48-6S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com