Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C2798GAC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # C0402C2798GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0402C2798GAC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  C0402C2798GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
Z5U Temperature Coefficient
Cap
Catalog Part Number 0805 Size Code
Cap
Catalog Part Number 1210 Size Code
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
6800 pF C0805C682*5UAC C0805C682*1UAC
47000 pF C1210C473*5UAC C1210C473*1UAC
8200 pF C0805C822*5UAC C0805C822*1UAC
56000 pF C1210C563*5UAC C1210C563*1UAC
10000 pF C0805C103*5UAC C0805C103*1UAC
68000 pF C1210C683*5UAC C1210C683*1UAC
12000 pF C0805C123*5UAC
82000 pF C1210C823*5UAC C1210C823*1UAC
15000 pF C0805C153*5UAC
.1 uF C1210C104*5UAC
18000 pF C0805C183*5UAC
.15 uF C1210C154*5UAC
22000 pF C0805C223*5UAC
.18 uF C1210C184*5UAC
27000 pF C0805C273*5UAC
.22 uF C1210C224*5UAC
33000 pF C0805C333*5UAC
.27 uF C1210C274*5UAC
39000 pF C0805C393*5UAC
.33 uF C1210C334*5UAC
47000 pF C0805C473*5UAC
.39 uF C1210C394*5UAC
56000 pF C0805C563*5UAC
.47 uF C1210C474*5UAC
68000 pF C0805C683*5UAC
82000 pF C0805C823*5UAC
.1 uF C0805C104*5UAC
Cap
Catalog Part Number 1206 Size Code
50 Vdc
100 Vdc
200 Vdc
10000 pF C1206C103*5UAC C1206C103*1UAC
12000 pF C1206C123*5UAC C1206C123*1UAC
15000 pF C1206C153*5UAC C1206C153*1UAC
18000 pF C1206C183*5UAC C1206C183*1UAC
22000 pF C1206C223*5UAC C1206C223*1UAC
27000 pF C1206C273*5UAC C1206C273*1UAC
33000 pF C1206C333*5UAC C1206C333*1UAC
39000 pF C1206C393*5UAC C1206C393*1UAC
47000 pF C1206C473*5UAC
56000 pF C1206C563*5UAC
68000 pF C1206C683*5UAC
82000 pF C1206C823*5UAC
.1 uF C1206C104*5UAC
.12 uF C1206C124*5UAC
.15 uF C1206C154*5UAC
.18 uF C1206C184*5UAC
.22 uF C1206C224*5UAC
* Insert proper letter code for desired tolerance:
±20% (M) is standard
Z = +80% –0%
Z5U meets all Y5V requirements and can be used in its place
Y5V - Δ ≤ +22/–82% over –30 ºC to +85 ºC
Z5U - Δ ≤ +22/ –56% over +10ºC to +85ºC
50 volt units can be used for 63 volt applications
RoHS Compliant


Similar Part No. - C0402C2798GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C279B5GACTU KEMET-C0402C279B5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 2.7 pF, /-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C279C5GACTU KEMET-C0402C279C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.7 pF, /-0.25 pF, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0402C2798GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com