Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO20A48-6S Datasheet(PDF) 1 Page - Astec America, Inc

Part # AO20A48-6S
Description  120Watts DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AO20A48-6S Datasheet(HTML) 1 Page - Astec America, Inc

  AO20A48-6S Datasheet HTML 1Page - Astec America, Inc AO20A48-6S Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
120Watts
AEO/ALO40
High Efficiency
• 2.3” x 0.9” Industry Standard 8th brick outline
• Baseplate or Openframe construction
• Low Ripple and Noise
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Frequency Switching for EMI predictability
• Industry Standard features: Input UVLO with
hysteresis, Enable, OVP, OCP, OTP, Output
VoltageTrim, Differential Remote Sense
• Meets Basic Insulation
• EU Directive 2002/95/EC compliant for RoHS
Environmental
Operating Ambient Temperature
Openframe: -40°C to +85°C Ambient
Baseplate: -40°C to +100°C Case
Storage temperature: -55°C to +125°C
MTBF: > 1 Million Hrs
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Input UVLO
33 - 36 V (UVLO ON)
31 - 34 V (UVLO OFF)
Efficiency2
93% @ 5 V (typical)
Output
Line / Load Regulation
< 0.1% VO (typical)
Load Current
Up to 40A for Vo
≤ 1.8V
Noise/Ripple1
30mVPK-PK (typical)
Transient Response
2% typical deviation
(50% to 75% Step Load)
< 100
µs settling time (typ)
Over Voltage Protection
130% VO Typ (autorecovery)
Over Current Protection
130% IO,max Typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
Fixed Frequency
Isolation Voltage
1500Vdc
Control
Output Voltage Trim
±10% VO,NOM
Enable
TTL compatible
(Positive or Negative Logic)
Safety
UL, cUL 60950-1 Recognized
TUV EN60950-1 Licensed
Total Power:
120 Watts
Input Voltages:
48V
No. of Outputs:
Single


Similar Part No. - AO20A48-6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO211 ETC-AO211 Datasheet
9Kb / 1P
   AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
logo
AiT Semiconductor Inc.
AO2170 AITSEMI-AO2170 Datasheet
542Kb / 9P
   36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
AO2170M8R AITSEMI-AO2170M8R Datasheet
542Kb / 9P
   36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
AO2170M8VR AITSEMI-AO2170M8VR Datasheet
542Kb / 9P
   36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
AO2170MS8R AITSEMI-AO2170MS8R Datasheet
542Kb / 9P
   36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
More results

Similar Description - AO20A48-6S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEO40 ASTEC-AEO40 Datasheet
90Kb / 2P
   120Watts
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com